Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA84C222AT Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA84C222AT
Description  8-bit microcontrollers for remote control transmitters
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA84C222AT Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA84C222AT Datasheet HTML 5Page - NXP Semiconductors PCA84C222AT Datasheet HTML 6Page - NXP Semiconductors PCA84C222AT Datasheet HTML 7Page - NXP Semiconductors PCA84C222AT Datasheet HTML 8Page - NXP Semiconductors PCA84C222AT Datasheet HTML 9Page - NXP Semiconductors PCA84C222AT Datasheet HTML 10Page - NXP Semiconductors PCA84C222AT Datasheet HTML 11Page - NXP Semiconductors PCA84C222AT Datasheet HTML 12Page - NXP Semiconductors PCA84C222AT Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
1995 May 01
9
Philips Semiconductors
Product specification
8-bit microcontrollers for
remote control transmitters
PCA84C122; 222; 422; 622; 822
8.1.1
ON-TIME REGISTER (ADDRESS: 00H)
This 8-bit register is loaded by software; the decimal value
of its contents + 2, determine the number of oscillator
cycles that the OUT pin is active.
The active period (ON-time) of OUT
8.1.2
OFF-TIME REGISTER (ADDRESS: 01H)
This 8-bit register is loaded by software; the decimal value
of its contents + 2, determine the number of oscillator
cycles that the OUT pin is inactive.
The inactive period (OFF-time) of OUT
contents
2
+
()
f
osc
---------------------------------------
=
contents
2
+
()
f
osc
---------------------------------------
=
8.1.3
PULSE COUNTER
The Pulse Counter, is a 10-bit register consisting of:
• Pulse Counter Low (8-bit); address 02H.
• Pulse Counter High (2-bit); address 04H.
The Pulse Counter is loaded by software with the number
of pulses required in a pulse burst; loading ‘0’ is not
allowed.
8.1.4
CONTROL REGISTER (ADDRESS 03H)
The Control Register contains the bits that control various
possibilities for the output pulses, plus the reset of the
interrupt flip-flop and the Watchdog timer.
Table 2
Control Register (CR)
Table 3
Description of the CR bits
8.2
Instructions for data transfer between the 84CXXX core and derivative logic
76543210
−−−
RWDT
Rint
PWM
LgP
HF
BIT
SYMBOL
DESCRIPTION
7to5
Reserved.
4
RWDT
Reload Watchdog Timer: This is not an actual flip-flop in the Control Register. If a logic 1 is
written to this bit position the Watchdog Timer is reloaded (reset to 0); this bit is Write only.
3
Rint
Reset Interrupt: This is not an actual flip-flop in the Control Register. If a logic 1 is written to this
bit position the interrupt flip-flop is reset; this bit is Write only.
2
PWM
Pulse Width Modulation: Is the standard term for a quasi analog signal. It is a square wave
signal of which the duty cycle may be varied. When integrated a real analog signal may be
obtained. When PWM = 1; the Pulse Counter Register is ignored and a continuous pulse train is
generated (see Fig.9); this bit is Read or Write.
1
LgP
Long Pulse: When LgP = 1; the OFF-time Register is ignored and a single pulse of length
is generated. If HF = 1, this pulse is modulated with a
frequency 1
4 × fosc (see Fig.10); this bit is Read or Write.
0HF
High Frequency: When HF = 1 the ON-time part of the generated pulse is modulated with a
frequency 1
4 × fosc (see Fig.11); this bit is Read or Write.
INSTRUCTION
DESCRIPTION
MOV Dx,A
Move contents of the accumulator to the derivative register.
MOV A,Dx
Move contents of derivative register to the accumulator.
ANL Dx,A
AND derivative register contents with contents of accumulator. Result is stored in derivative register.
ORL Dx,A
OR derivative register contents with contents of accumulator. Result is stored in derivative register.
ON-time
()
number of pulses
()
×
=


Similar Part No. - PCA84C222AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA84C440 PHILIPS-PCA84C440 Datasheet
236Kb / 40P
   8-bit microcontrollers with OSD and VST
1996 Nov 29
PCA84C441 PHILIPS-PCA84C441 Datasheet
236Kb / 40P
   8-bit microcontrollers with OSD and VST
1996 Nov 29
PCA84C443 PHILIPS-PCA84C443 Datasheet
236Kb / 40P
   8-bit microcontrollers with OSD and VST
1996 Nov 29
PCA84C444 PHILIPS-PCA84C444 Datasheet
236Kb / 40P
   8-bit microcontrollers with OSD and VST
1996 Nov 29
PCA84C640 PHILIPS-PCA84C640 Datasheet
236Kb / 40P
   8-bit microcontrollers with OSD and VST
1996 Nov 29
More results

Similar Description - PCA84C222AT

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
YKP1568VG5 INTEGRAL-YKP1568VG5 Datasheet
145Kb / 2P
   8 - BIT MICROCONTROLLER FOR REMOTE CONTROL TRANSMITTERS
logo
NEC
UPD17240 NEC-UPD17240 Datasheet
668Kb / 102P
   4-BIT SINGLE-CHIP MICROCONTROLLERS FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTERS
logo
Princeton Technology Co...
PT2461 PTC-PT2461 Datasheet
427Kb / 5P
   Infrared Remote Control Transmitters
logo
Mitsubishi Electric Sem...
M58480P MITSUBISHI-M58480P Datasheet
241Kb / 4P
   30-FUNCTION REMOTE-CONTROL TRANSMITTERS
M34280M1 MITSUBISHI-M34280M1 Datasheet
508Kb / 47P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
M5848OP MITSUBISHI-M5848OP Datasheet
247Kb / 4P
   30-Function Remote-control Transmitters
logo
Renesas Technology Corp
4280 RENESAS-4280 Datasheet
627Kb / 48P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
logo
STMicroelectronics
AN4099 STMICROELECTRONICS-AN4099 Datasheet
526Kb / 39P
   Implementing transmitters and receivers for infrared remote control protocols using STM32F0xx and STM32F3xx microcontrollers
logo
Renesas Technology Corp
PD64A RENESAS-PD64A_15 Datasheet
417Kb / 66P
   4-BIT SINGLE-CHIP MICROCONTROLLERS FOR INFRARED REMOTE CONTROL TRANSMISSION
logo
Murata Manufacturing Co...
RO3118E MURATA-RO3118E Datasheet
226Kb / 2P
   Ideal for 318 MHz Remote Control and Security Transmitters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com