Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ4558MTR Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AZ4558MTR
Description  DUAL OPERATIONAL AMPLIFIERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ4558MTR Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ4558MTR Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ4558MTR Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ4558MTR Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ4558MTR Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ4558MTR Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ4558MTR Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ4558MTR Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ4558MTR Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ4558MTR Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DUAL OPERATIONAL AMPLIFIERS
AZ4558
Data Sheet
6
Jul. 2006 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Figure 4. Open Loop Voltage Gain vs. Frequency
Figure 5. Maximum Output Voltage Swing vs. Frequency
Figure 6. Maximum Output Voltage Swing
Figure 7. Equivalent Input Noise Voltage Density
vs. Load Resistance
Typical Performance Characteristics
10
1
10
2
10
3
10
4
10
5
10
6
0
5
10
15
20
25
30
Frequency (H
Z
)
V
CC
=15V, V
EE
=-15V,
R
L
=2K, T
A
=25
oC
0.1K
1K
10K
12
14
16
18
20
22
24
26
28
30
V
CC
=15V, V
EE
=-15V, T
A
=25
oC
Load Resistance ()
10
0
10
1
10
2
10
3
10
0
10
1
10
2
10
3
Frequency (H
Z
)
V
CC
=15V, V
EE
=-15V
R
S
=50, T
A
=25
oC
vs. Frequency
2x10
0
10
1
10
2
10
3
10
4
10
5
10
6
0
20
40
60
80
100
120
V
CC
=15V, V
EE
=-15V
R
L
=2K, T
A
=25
oC
Frequency (H
Z
)


Similar Part No. - AZ4558MTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ4558 ETC-AZ4558 Datasheet
228Kb / 8P
   DUAL OPERATIONAL AMPLIFIERS
logo
Advanced Analog Technol...
AZ4558A AAT-AZ4558A Datasheet
221Kb / 10P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
AZ4558AM AAT-AZ4558AM Datasheet
221Kb / 10P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
AZ4558AP AAT-AZ4558AP Datasheet
221Kb / 10P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4558C BCDSEMI-AZ4558C Datasheet
52Kb / 2P
   DUAL BIPOLAR OPERATIONAL AMPLIFIERS
More results

Similar Description - AZ4558MTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ4558 ETC-AZ4558 Datasheet
228Kb / 8P
   DUAL OPERATIONAL AMPLIFIERS
logo
Integral Corp.
IL4558 INTEGRAL-IL4558 Datasheet
206Kb / 4P
   Dual Operational Amplifiers
logo
Texas Instruments
LM258A-EP TI1-LM258A-EP_14 Datasheet
514Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM4558 HTC-LM4558 Datasheet
116Kb / 3P
   DUAL OPERATIONAL AMPLIFIERS
logo
KODENSHI_AUK CORP.
KK1458 KODENSHI-KK1458 Datasheet
237Kb / 5P
   Dual Operational Amplifiers
KK4558 KODENSHI-KK4558 Datasheet
257Kb / 6P
   Dual Operational Amplifiers
logo
uPI Group Inc.
US5501 UPI-US5501 Datasheet
154Kb / 10P
   Dual Operational Amplifiers
logo
IK Semicon Co., Ltd
IL1458 IKSEMICON-IL1458 Datasheet
213Kb / 5P
   Dual Operational Amplifiers
logo
Texas Instruments
LM158U TI-LM158U Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM2904PWRG4 TI-LM2904PWRG4 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com