Electronic Components Datasheet Search |
|
MPSA14 Datasheet(PDF) 11 Page - Fairchild Semiconductor |
|
MPSA14 Datasheet(HTML) 11 Page - Fairchild Semiconductor |
11 / 14 page SOT-223 Packaging Configuration: Figure 1.0 Components Leader Tape 500mm minimum or 62 empty pockets Trailer Tape 300mm minimum or 38 empty pockets SOT-223 Tape Leader and Trailer Configuration: Figure 2.0 Cover Tape Carrier Tape Note/Comments Packaging Option SOT-223 Packaging Information Standard (no flow code) D84Z Packaging type Reel Size TNR 13" Dia TNR 7" Dia Qty per Reel/Tube/Bag 2,500 500 Box Dimension (mm) 343x64x343 184x187x47 Max qty per Box 5,000 1,000 Weight per unit (gm) 0.1246 0.1246 Weight per Reel (kg) 0.7250 0.1532 SOT-223 Unit Orientation F852 014 F852 014 F852 014 F852 014 F63TNR Label 343mm x 342mm x 64mm Intermediate box for Standard 184mm x 184mm x 47mm Pizza Box for D84Z Option F63TNR Label LOT: CBVK741B019 FSID: PN2222A D/C1: D9842 QTY1: SPEC REV: SPEC: QTY: 3000 D/C2: QTY2: CPN: N/F: F (F63TNR)3 F63TNR Label sample F63TNR Label Antistatic Cover Tape Customized Label Static Dissipative Embossed Carrier Tape Packaging Description: SOT-223 parts are shipped in tape. The carrier tape is made from a dissipative (carbon filled) polycarbonate resin. The cover tape is a multilayer film (Heat Activated Adhesive in nature) primarily composed of polyester film, adhesive layer, sealant, and anti-static sprayed agent. These reeled parts in standard option are shipped with 2,500 units per 13" or 330cm diameter reel. The reels are dark blue in color and is made of polystyrene plastic (anti- static coated). Other option comes in 500 units per 7" or 177cm diameter reel. This and some other options are further described in the Packaging Information table. These full reels are individually barcode labeled and placed inside a standard intermediate box (illustrated in figure 1.0) made of recyclable corrugated brown paper. One box contains two reels maximum. And these boxes are placed inside a barcode labeled shipping box which comes in different sizes depending on the number of parts shipped. SOT-223 Tape and Reel Data September 1999, Rev. B ©2000 Fairchild Semiconductor International |
Similar Part No. - MPSA14_01 |
|
Similar Description - MPSA14_01 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |