Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFU5410PBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRFU5410PBF
Description  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFU5410PBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IRFU5410PBF Datasheet HTML 2Page - International Rectifier IRFU5410PBF Datasheet HTML 3Page - International Rectifier IRFU5410PBF Datasheet HTML 4Page - International Rectifier IRFU5410PBF Datasheet HTML 5Page - International Rectifier IRFU5410PBF Datasheet HTML 6Page - International Rectifier IRFU5410PBF Datasheet HTML 7Page - International Rectifier IRFU5410PBF Datasheet HTML 8Page - International Rectifier IRFU5410PBF Datasheet HTML 9Page - International Rectifier IRFU5410PBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRFR/U5410PbF
www.irf.com
9
I-Pak (TO-251AA) Package Outline
Dimensions are shown in millimeters (inches)
I-Pak (TO-251AA) Part Marking Information
ASS E MB LY
EXAMPLE:
WIT H ASSE MB LY
T HIS IS AN IRF U120
YE AR 9 = 1999
DAT E CODE
LINE A
WE EK 19
IN T HE AS S E MB LY LINE "A"
AS S EMBLE D ON WW 19, 1999
LOT CODE 5678
PART NUMB ER
56
IRF U120
INT E RNAT IONAL
LOGO
RE CT IF IE R
LOT CODE
919A
78
Note: "P" in as s embly line
pos ition indicates "Lead-F ree"
OR
56
78
ASSEMBLY
LOT CODE
RECT IF IER
LOGO
INT ERNAT IONAL
IRF U120
PART NUMBER
WEEK 19
DAT E CODE
YEAR 9 = 1999
A = ASSEMB L Y SIT E CODE
P = DES IGNAT ES LEAD-FREE
PRODUCT (OPT IONAL )


Similar Part No. - IRFU5410PBF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFU5410PBF KERSEMI-IRFU5410PBF	 Datasheet
3Mb / 10P
   HEXFET POWER MOSFET
More results

Similar Description - IRFU5410PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com