Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30ETH06-1TRLPBF Datasheet(PDF) 1 Page - International Rectifier

Part # 30ETH06-1TRLPBF
Description  Hyperfast Rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30ETH06-1TRLPBF Datasheet(HTML) 1 Page - International Rectifier

  30ETH06-1TRLPBF Datasheet HTML 1Page - International Rectifier 30ETH06-1TRLPBF Datasheet HTML 2Page - International Rectifier 30ETH06-1TRLPBF Datasheet HTML 3Page - International Rectifier 30ETH06-1TRLPBF Datasheet HTML 4Page - International Rectifier 30ETH06-1TRLPBF Datasheet HTML 5Page - International Rectifier 30ETH06-1TRLPBF Datasheet HTML 6Page - International Rectifier 30ETH06-1TRLPBF Datasheet HTML 7Page - International Rectifier 30ETH06-1TRLPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
30ETH06SPbF
30ETH06-1PbF
Bulletin PD-21064 rev. B 11/06
trr = 28ns typ.
IF(AV) = 30Amp
VR = 600V
• Hyperfastfast Recovery Time
• Low Forward Voltage Drop
• Low Leakage Current
• 125°COperatingJunctionTemperature
• Dual Diode Center Tap
• Lead-Free ("PbF" suffix)
Features
Description/ Applications
Absolute Maximum Ratings
Hyperfast Rectifier
VRRM
Peak Repetitive Reverse Voltage
600
V
IF(AV)
Average Rectifier Forward Current
@ T
C = 103°C
30
A
IFSM
Non Repetitive Peak Surge Current
@ T
J = 25°C
200
TJ
Operating Junction Temperature
- 65 to 125
°C
TSTG
Operating Storage Temperature
- 65 to 150
Parameters
Max
Units
State of the art Hyperfast recovery rectifiers designed with optimized performance of forward voltage drop, Hyperfast
recover time, and soft recovery.
The planar structure and the platinum doped life time control guarantee the best overall performance, ruggedness
and reliability characteristics.
These devices are intended for use in PFC Boost stage in the AC-DC section of SMPS, inverters or as freewheeling
diodes.
The IR extremely optimized stored charge and low recovery current minimize the switching losses and reduce over
dissipation in the switching element and snubbers.
www.irf.com
30ETH06SPbF
Case Styles
30ETH06-1PbF
TO-262
Anode
1
3
Base
Cathode
2
N/C
Anode
1
3
2
N/C
D2PAK


Similar Part No. - 30ETH06-1TRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30ETH06-1TRLPBF VISHAY-30ETH06-1TRLPBF Datasheet
124Kb / 7P
   Hyperfast Rectifier, 30 A FRED PtTM
Revision: 26-May-08
30ETH06-1TRLPBF VISHAY-30ETH06-1TRLPBF Datasheet
176Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 11-Mar-10
More results

Similar Description - 30ETH06-1TRLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30ETH06 IRF-30ETH06 Datasheet
207Kb / 8P
   Hyperfast Rectifier
logo
Vishay Siliconix
VS-4ESH02-M3 VISHAY-VS-4ESH02-M3 Datasheet
121Kb / 7P
   Hyperfast Rectifier
Revision: 24-Nov-14
VS-2EFH02HM3 VISHAY-VS-2EFH02HM3 Datasheet
114Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-2EJH01-M3 VISHAY-VS-2EJH01-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 20-Nov-14
VS-6CSH02-M3 VISHAY-VS-6CSH02-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-8CSH01-M3 VISHAY-VS-8CSH01-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-8CSH02-M3 VISHAY-VS-8CSH02-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-10CSH01-M3 VISHAY-VS-10CSH01-M3 Datasheet
121Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
logo
International Rectifier
30EPH06PBF IRF-30EPH06PBF Datasheet
165Kb / 7P
   Hyperfast Rectifier
logo
Fairchild Semiconductor
RHRA1560CC FAIRCHILD-RHRA1560CC Datasheet
156Kb / 5P
   Hyperfast Rectifier
logo
International Rectifier
15ETX06PBF IRF-15ETX06PBF Datasheet
236Kb / 8P
   Hyperfast Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com