Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9542PW Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9542PW
Description  2-channel I2C multiplexer and interrupt controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9542PW Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9542PW Datasheet HTML 1Page - NXP Semiconductors PCA9542PW Datasheet HTML 2Page - NXP Semiconductors PCA9542PW Datasheet HTML 3Page - NXP Semiconductors PCA9542PW Datasheet HTML 4Page - NXP Semiconductors PCA9542PW Datasheet HTML 5Page - NXP Semiconductors PCA9542PW Datasheet HTML 6Page - NXP Semiconductors PCA9542PW Datasheet HTML 7Page - NXP Semiconductors PCA9542PW Datasheet HTML 8Page - NXP Semiconductors PCA9542PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
PCA9542
2-channel I2C multiplexer and interrupt controller
2
1999 Oct 07
853–2177 22486
FEATURES
1-of-2 bi-directional translating multiplexer
Channel selection via I2C bus
Operating supply voltage 2.5 to 3.6 V
Operating temperature range 0°C to 70°C
Power-up with all multiplexer channels deselected
3 address pins, allowing up to 8 devices on the I2C bus
Low on resistance
DESCRIPTION
The PCA9542 is a 1-of-2 bi-directional translating multiplexer,
controlled via the I2C bus. The SCL/SDA upstream pair fans out to
two SCx/SDx downstream pairs, or channels. Only one SCx/SDx
channel is selected at a time, determined by the contents of the
programmable control register. Two interrupt inputs, one for each of
the SCx/SDx downstream pair, are provided. One interrupt output,
which acts as an AND of the two interrupt inputs, is provided. All I/O
pins are 5 V tolerant.
The pass gates of the multiplexer are constructed such that the VDD
pin can be used to limit the maximum high voltage which will be
passed by the PCA9542. This allows the use of different bus
voltages on each SCx/SDx pair, so that 3.3 V parts can
communicate with 5 V parts without any additional protection.
External pull-up resistors can pull the bus up to the desired voltage
level for this channel.
PIN CONFIGURATION
1
2
3
4
5
6
78
9
10
11
12
13
14
A0
A1
A2
INT0
SD0
SC0
VSS
VDD
SDA
SCL
SD1
SC1
INT1
INT
SW00475
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
FUNCTION
1
A0
Address input 0
2
A1
Address input 1
3
A2
Address input 2
4
INT0
Interrupt input 0
5
SD0
Serial data 0
6
SC0
Serial clock 0
7
VSS
Supply ground
8
INT1
Interrupt input 1
9
SD1
Serial data 1
10
SC1
Serial clock 1
11
INT
Interrupt output
12
SCL
Serial clock line
13
SDA
Serial data line
14
VDD
Supply voltage
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DRAWING NUMBER
14-Pin Plastic TSSOP
0
°C to +70°C
PCA9542PW DH
SOT402-1


Similar Part No. - PCA9542PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9542A NXP-PCA9542A Datasheet
130Kb / 22P
   2-channel I2C-bus multiplexer and interrupt logic
Rev. 04-15 June 2009
PCA9542A NXP-PCA9542A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9542AD NXP-PCA9542AD Datasheet
130Kb / 22P
   2-channel I2C-bus multiplexer and interrupt logic
Rev. 04-15 June 2009
PCA9542APW NXP-PCA9542APW Datasheet
130Kb / 22P
   2-channel I2C-bus multiplexer and interrupt logic
Rev. 04-15 June 2009
More results

Similar Description - PCA9542PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9544 PHILIPS-PCA9544 Datasheet
77Kb / 12P
   4-channel I2C multiplexer and interrupt controller
1999 Oct 07
PCA9542A NXP-PCA9542A Datasheet
130Kb / 22P
   2-channel I2C-bus multiplexer and interrupt logic
Rev. 04-15 June 2009
logo
Texas Instruments
PCA9544A TI-PCA9544A_07 Datasheet
823Kb / 27P
[Old version datasheet]   4-CHANNEL I2C AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
logo
NXP Semiconductors
PCA9544A NXP-PCA9544A_09 Datasheet
146Kb / 26P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
PCA9544A NXP-PCA9544A Datasheet
143Kb / 27P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 03-24 November 2008
PCA9540BD PHILIPS-PCA9540BD Datasheet
138Kb / 14P
   2-channel I2C multiplexer
2004 Sep 29
PCA9540 PHILIPS-PCA9540 Datasheet
110Kb / 10P
   2-channel I2C multiplexer
1999 Dec 15
PCA9544ABS-T NXP-PCA9544ABS-T Datasheet
146Kb / 26P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
logo
Texas Instruments
TCA9544A TI1-TCA9544A Datasheet
892Kb / 29P
[Old version datasheet]   Low Voltage 4-Channel I2C and SMBus Multiplexer With Interrupt Logic
logo
NXP Semiconductors
PCA9543 PHILIPS-PCA9543 Datasheet
120Kb / 15P
   2-channel I2C switch with interrupt logic and reset
2004 Oct 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com