Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA8581CT Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA8581CT
Description  128 x 8-bit EEPROM with I2C-bus interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8581CT Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA8581CT Datasheet HTML 1Page - NXP Semiconductors PCA8581CT Datasheet HTML 2Page - NXP Semiconductors PCA8581CT Datasheet HTML 3Page - NXP Semiconductors PCA8581CT Datasheet HTML 4Page - NXP Semiconductors PCA8581CT Datasheet HTML 5Page - NXP Semiconductors PCA8581CT Datasheet HTML 6Page - NXP Semiconductors PCA8581CT Datasheet HTML 7Page - NXP Semiconductors PCA8581CT Datasheet HTML 8Page - NXP Semiconductors PCA8581CT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1997 Apr 02
4
Philips Semiconductors
Product specification
128
× 8-bit EEPROM with I2C-bus interface
PCA8581; PCA8581C
5
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
MLB887
TIMER
WORD
ADDRESS
REGISTER
SHIFT
REGISTER
POWER
ON
RESET
INPUT
FILTER
VOLTAGE
MULTIPLIER
ROW
SELECT
MEMORY
CELL
ARRAY
COLUMN
SELECT
MULTIPLEXER
R/W
CONTROL
I C BUS
CONTROL
2
6
5
SCL
SDA
3
A2
2
A1
1
A0
8
VDD
4
VSS
7
TEST
PCA8581
PCA8581C
7
8
6
PINNING
SYMBOL
PIN
DESCRIPTION
A0
1
hardware address input 0
A1
2
hardware address input 1
A2
3
hardware address input 2
VSS
4
negative supply
SDA
5
serial data input/output
SCL
6
serial clock input
TEST
7
test output can be connected to VSS, VDD or left
open-circuit
VDD
8
positive supply
Fig.2 Pin configuration.
fpage
1
2
3
4
8
7
6
5
MLB888
PCA8581
PCA8581C
SCL
SDA
A2
A1
A0
VDD
VSS
TEST


Similar Part No. - PCA8581CT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8581CT PHILIPS-PCA8581CT Datasheet
107Kb / 20P
   128 x 8-bit EEPROM with I2C-bus interface
1997 Apr 02
More results

Similar Description - PCA8581CT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8581C PHILIPS-PCA8581C Datasheet
107Kb / 20P
   128 x 8-bit EEPROM with I2C-bus interface
1997 Apr 02
PCF85103C-2 PHILIPS-PCF85103C-2 Datasheet
346Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 02-09 May 2002
PCF8582C-2 PHILIPS-PCF8582C-2_04 Datasheet
127Kb / 21P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
PCF85103C-2 PHILIPS-PCF85103C-2_04 Datasheet
120Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-22 October 2004
logo
Integral Corp.
INF8594E INTEGRAL-INF8594E Datasheet
98Kb / 2P
   512 x 8-Bit CMOS EEPROM with I2C-Bus Interface
logo
NXP Semiconductors
PCF8594C-2 PHILIPS-PCF8594C-2 Datasheet
394Kb / 21P
   512 X 8-bit CMOS EEPROM with I2C-bus interface
Rev. 05-25 October 2004
PCF85116-3 PHILIPS-PCF85116-3 Datasheet
164Kb / 21P
   2048 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
PCF85102C-2 PHILIPS-PCF85102C-2_04 Datasheet
120Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-22 October 2004
logo
Integral Corp.
INA2586 INTEGRAL-INA2586 Datasheet
85Kb / 1P
   1024 x 8-Bit n-MOS EEPROM with I2C-Bus Interface
logo
KODENSHI_AUK CORP.
KKA2586 KODENSHI-KKA2586 Datasheet
99Kb / 2P
   1024 x 8-Bit n-MOS EEPROM with I2C-Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com