Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20ETF06STRLPBF Datasheet(PDF) 7 Page - International Rectifier

Part # 20ETF06STRLPBF
Description  SURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

20ETF06STRLPBF Datasheet(HTML) 7 Page - International Rectifier

  20ETF06STRLPBF Datasheet HTML 1Page - International Rectifier 20ETF06STRLPBF Datasheet HTML 2Page - International Rectifier 20ETF06STRLPBF Datasheet HTML 3Page - International Rectifier 20ETF06STRLPBF Datasheet HTML 4Page - International Rectifier 20ETF06STRLPBF Datasheet HTML 5Page - International Rectifier 20ETF06STRLPBF Datasheet HTML 6Page - International Rectifier 20ETF06STRLPBF Datasheet HTML 7Page - International Rectifier 20ETF06STRLPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
20ETF06SPbF QUIET
IR Series
Bulletin I2207 03/05
www.irf.com
Dimensions in millimeters and inches
TRR
FEED DIRECTION
TRL
FEED DIRECTION
10.90 (0.429)
10.70 (0.421)
16.10 (0.634)
15.90 (0.626)
1.75 (0.069)
1.25 (0.049)
1.85 (0.073)
1.65 (0.065)
4.10 (0.161)
3.90 (0.153)
1.60 (0.063)
1.50 (0.059)
DIA.
1.60 (0.063)
1.50 (0.059)
DIA.
11.60 (0.457)
11.40 (0.449)
15.42 (0.609)
15.22 (0.601)
4.72 (0.186)
4.52 (0.178)
24.30 (0.957)
23.90 (0.941)
0.368 (0.0145)
0.342 (0.0135)
360 (14.173)
DIA. MAX.
26.40 (1.039)
24.40 (0.961)
13.50 (0.532)
12.80 (0.504)DIA.
60 (2.362)
DIA . MIN.
SMD-220 Tape & Reel
When ordering, indicate the part
number, part orientation, and the
quantity. Quantities are in multiples
of 800 pieces per reel for both
TRL and TRR.
Tape & Reel Information


Similar Part No. - 20ETF06STRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20ETF06STRLPBF VISHAY-20ETF06STRLPBF Datasheet
348Kb / 8P
   Surface Mountable Fast Soft Recovery Rectifier Diode, 20 A
Revision: 17-Aug-11
More results

Similar Description - 20ETF06STRLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20ETF IRF-20ETF Datasheet
211Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE
8EWF06SPBF IRF-8EWF06SPBF Datasheet
259Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
8EWF IRF-8EWF Datasheet
162Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
8EWF12S IRF-8EWF12S Datasheet
238Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
8EWF10S IRF-8EWF10S Datasheet
153Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
8EWF06S IRF-8EWF06S Datasheet
172Kb / 9P
   SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
logo
Vishay Siliconix
20ETF02SPBF VISHAY-20ETF02SPBF Datasheet
348Kb / 8P
   Surface Mountable Fast Soft Recovery Rectifier Diode, 20 A
Revision: 17-Aug-11
VS-8EWF02S-M3 VISHAY-VS-8EWF02S-M3 Datasheet
228Kb / 8P
   Surface Mountable Fast Soft Recovery Diode, 8A
Revision: 04-Apr-11
VS-8EWF10S-M3 VISHAY-VS-8EWF10S-M3 Datasheet
191Kb / 7P
   Surface Mountable Fast Soft Recovery Diode, 8A
Revision: 17-Nov-11
8EWF10SPBF VISHAY-8EWF10SPBF Datasheet
216Kb / 8P
   Surface Mountable Fast Soft Recovery Diode, 8 A
Revision: 08-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com