Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30EPH06 Datasheet(PDF) 1 Page - International Rectifier

Part # 30EPH06
Description  Hyperfast Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30EPH06 Datasheet(HTML) 1 Page - International Rectifier

  30EPH06 Datasheet HTML 1Page - International Rectifier 30EPH06 Datasheet HTML 2Page - International Rectifier 30EPH06 Datasheet HTML 3Page - International Rectifier 30EPH06 Datasheet HTML 4Page - International Rectifier 30EPH06 Datasheet HTML 5Page - International Rectifier 30EPH06 Datasheet HTML 6Page - International Rectifier 30EPH06 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
30EPH06PbF
Bulletin PD-20879 11/04
trr = 28ns typ.
IF(AV) = 30Amp
VR = 600V
• Hyperfastfast Recovery Time
• Low Forward Voltage Drop
• Low Leakage Current
• 175°C Operating Junction Temperature
• Single Diode Device
• Lead-Free ("PbF" suffix)
Features
Description/ Applications
Absolute Maximum Ratings
Hyperfast Rectifier
VRRM
Peak Repetitive Reverse Voltage
600
V
IF(AV)
Average Rectifier Forward Current
@ T
C = 116°C
30
A
IFSM
Non Repetitive Peak Surge Current
@ T
J = 25°C
300
TJ, TSTG
Operating Junction and Storage Temperatures
- 65 to 175
°C
Parameters
Max
Units
Case Styles
30EPH06PbF
TO247
State of the art Hyperfast recovery rectifiers designed with optimized performance of forward voltage drop,
Hyperfast recover time, and soft recovery.
The planar structure and the platinum doped life time control guarantee the best overall performance, ruggedness
and reliability characteristics.
These devices are intended for use in PFC Boost stage in the AC-DC section of SMPS, inverters or as freewheeling
diodes.
The IR extremely optimized stored charge and low recovery current minimize the switching losses and reduce over
dissipation in the switching element and snubbers.
ANODE
BASE
COMMON
CATHODE
2
3
1
CATHODE
www.irf.com


Similar Part No. - 30EPH06

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30EPH06 IRF-30EPH06 Datasheet
153Kb / 6P
   Hyperfast Rectifier
logo
Vishay Siliconix
30EPH06 VISHAY-30EPH06 Datasheet
113Kb / 7P
   Hyperfast Rectifier, 30 A FRED PtTM
Revision: 02-Jun-08
logo
Thinki Semiconductor Co...
30EPH06 THINKISEMI-30EPH06 Datasheet
1Mb / 3P
   30.0 Ampere SwitchMode Single Fast Recovery Epitaxial Diode
logo
Inchange Semiconductor ...
30EPH06 ISC-30EPH06 Datasheet
283Kb / 2P
   Ultrafast Rectifier
logo
Vishay Siliconix
30EPH06PBF VISHAY-30EPH06PBF Datasheet
108Kb / 7P
   Hyperfast Rectifier, 30 A FRED PtTM
Revision: 07-Apr-08
More results

Similar Description - 30EPH06

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30ETH06 IRF-30ETH06 Datasheet
207Kb / 8P
   Hyperfast Rectifier
logo
Vishay Siliconix
VS-4ESH02-M3 VISHAY-VS-4ESH02-M3 Datasheet
121Kb / 7P
   Hyperfast Rectifier
Revision: 24-Nov-14
VS-2EFH02HM3 VISHAY-VS-2EFH02HM3 Datasheet
114Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-2EJH01-M3 VISHAY-VS-2EJH01-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 20-Nov-14
VS-6CSH02-M3 VISHAY-VS-6CSH02-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-8CSH01-M3 VISHAY-VS-8CSH01-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-8CSH02-M3 VISHAY-VS-8CSH02-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-10CSH01-M3 VISHAY-VS-10CSH01-M3 Datasheet
121Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
logo
Fairchild Semiconductor
RHRA1560CC FAIRCHILD-RHRA1560CC Datasheet
156Kb / 5P
   Hyperfast Rectifier
logo
International Rectifier
15ETX06PBF IRF-15ETX06PBF Datasheet
236Kb / 8P
   Hyperfast Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com