Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30CPQ150PBF Datasheet(PDF) 3 Page - International Rectifier

Part # 30CPQ150PBF
Description  SCHOTTKY RECTIFIER 30 Amp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30CPQ150PBF Datasheet(HTML) 3 Page - International Rectifier

  30CPQ150PBF Datasheet HTML 1Page - International Rectifier 30CPQ150PBF Datasheet HTML 2Page - International Rectifier 30CPQ150PBF Datasheet HTML 3Page - International Rectifier 30CPQ150PBF Datasheet HTML 4Page - International Rectifier 30CPQ150PBF Datasheet HTML 5Page - International Rectifier 30CPQ150PBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
30CPQ150PbF
Bulletin PD-20787 rev. A 11/06
3
www.irf.com
Fig. 2 - Typical Values Of Reverse Current
Vs. Reverse Voltage (Per Leg)
Fig. 3 - Typical Junction Capacitance
Vs. Reverse Voltage (Per Leg)
Fig. 4 - Max. Thermal Impedance Z
thJC Characteristics (Per Leg)
Fig. 1 - Max. Forward Voltage Drop Characteristics
(Per Leg)
Forward Voltage Drop - V
FM (V)
1
10
100
1000
0
0.5
1
1.5
2
2.5
3
Tj = 175˚C
Tj = 125˚C
Tj = 25˚C
t
1 , Rectangular Pulse Duration (Seconds)
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
D = 0.33
D = 0.50
D = 0.25
D = 0.17
D = 0.08
Single Pulse
(Thermal Resistance)
2
t
1
t
P
DM
Notes:
1. Duty factor D = t1/ t2
2. Peak Tj = Pdm x ZthJC + Tc
Reverse Voltage - V
R (V)
0.0001
0.001
0.01
0.1
1
10
100
0
25
50
75
100
125
150
150˚C
125˚C
100˚C
75˚C
50˚C
25˚C
Tj = 175˚C
Reverse Voltage - V
R (V)
10
100
1000
0
30
60
90
120
150
Tj = 25˚C


Similar Part No. - 30CPQ150PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30CPQ150PBF VISHAY-30CPQ150PBF Datasheet
131Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
30CPQ150PBF VISHAY-30CPQ150PBF Datasheet
168Kb / 7P
   Schottky Rectifier, 2 x 15 A
Revision: 11-Oct-11
More results

Similar Description - 30CPQ150PBF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SD41 MICROSEMI-SD41 Datasheet
117Kb / 2P
   30 Amp Schottky Rectifier
logo
International Rectifier
30CPQ080 IRF-30CPQ080 Datasheet
55Kb / 4P
   SCHOTTKY RECTIFIER 30 Amp
logo
New Jersey Semi-Conduct...
SBR3035 NJSEMI-SBR3035 Datasheet
87Kb / 1P
   30 Amp Schottky Rectifier
logo
International Rectifier
30CPQ035PBF IRF-30CPQ035PBF Datasheet
238Kb / 6P
   SCHOTTKY RECTIFIER 30 Amp
MBR2535CTPBF IRF-MBR2535CTPBF Datasheet
169Kb / 6P
   SCHOTTKY RECTIFIER 30 Amp
30CPQ050PBF IRF-30CPQ050PBF Datasheet
211Kb / 6P
   SCHOTTKY RECTIFIER 30 Amp
21FQ IRF-21FQ Datasheet
47Kb / 4P
   SCHOTTKY RECTIFIER 30 Amp
30L30CTPBF IRF-30L30CTPBF Datasheet
533Kb / 7P
   SCHOTTKY RECTIFIER 30 Amp
logo
Microsemi Corporation
21FQ040 MICROSEMI-21FQ040 Datasheet
136Kb / 2P
   30 AMP SCHOTTKY RECTIFIER
logo
International Rectifier
30CTQ060STRLPBF IRF-30CTQ060STRLPBF Datasheet
258Kb / 7P
   SCHOTTKY RECTIFIER 30 Amp
logo
Microsemi Corporation
SBR3035 MICROSEMI-SBR3035 Datasheet
120Kb / 2P
   30 Amp Schottky Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com