Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-1565CDI Datasheet(PDF) 8 Page - Holt Integrated Circuits

Part # HI-1565CDI
Description  5V Monolithic Dual Transceivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-1565CDI Datasheet(HTML) 8 Page - Holt Integrated Circuits

  HI-1565CDI Datasheet HTML 1Page - Holt Integrated Circuits HI-1565CDI Datasheet HTML 2Page - Holt Integrated Circuits HI-1565CDI Datasheet HTML 3Page - Holt Integrated Circuits HI-1565CDI Datasheet HTML 4Page - Holt Integrated Circuits HI-1565CDI Datasheet HTML 5Page - Holt Integrated Circuits HI-1565CDI Datasheet HTML 6Page - Holt Integrated Circuits HI-1565CDI Datasheet HTML 7Page - Holt Integrated Circuits HI-1565CDI Datasheet HTML 8Page - Holt Integrated Circuits HI-1565CDI Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
.5035 ± .0075
(12.789 ± .191)
.296 ± .003
(7.518 ± .076)
.050
(1.27)
0° to 8°
.090 ± .010
(2.286 ± .254)
TYP
.018
(.457) TYP.
SEE DETAIL A
DETAIL A
Package Type:
20-PIN PLASTIC SMALL OUTLINE (ESOIC) - WB
(Wide Body, Thermally Enhanced)
24HEW
.215
(5.461)TYP.
.300
(7.620)TYP.
Heat sink stud on
bottom of package.
Bottom
View
Top View
.4065 ± .0125
(10.325 ± .318)
.033 ± .017
(.838 ± .432)
.0075 ± .0035
(.191 ± .889)
.0105 ± .0015
(.2667 ± .0381)
PACKAGE DIMENSIONS
inches (millimeters)
HOLT INTEGRATED CIRCUITS
8
PACKAGE TYPE:
.017 ± .002
(.432 ± .051)
.100 ± .005
(2.540 ± .127)
.310 ± .010
(7.874 ± .254)
.125 MIN.
(3.175 MIN.)
.050 TYP.
(1.270 TYP.)
.200 MAX.
(5.080 MAX.)
1.000 ± .010
(25.400 ± .254)
.010 + .002/- .001
(.254 + .051/- .025)
.300 ± .010
(7.620 ± .254)
.085 ± .009
(2.159 ± .229)
20-PIN CERAMIC SIDE-BRAZED DIP
20C
.025
(.635) Min..
.025
(.635) Min..


Similar Part No. - HI-1565CDI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1565 HOLTIC-HI-1565 Datasheet
97Kb / 10P
   5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565_09 Datasheet
97Kb / 10P
   5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565_13 Datasheet
88Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
More results

Similar Description - HI-1565CDI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1567 HOLTIC-HI-1567_16 Datasheet
83Kb / 11P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567 Datasheet
216Kb / 7P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1565 HOLTIC-HI-1565_09 Datasheet
97Kb / 10P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_03 Datasheet
106Kb / 9P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1567 HOLTIC-HI-1567_09 Datasheet
85Kb / 10P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_06 Datasheet
157Kb / 9P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565_13 Datasheet
88Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1579 HOLTIC-HI-1579_16 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
HI-1579A HOLTIC-HI-1579A Datasheet
69Kb / 9P
   3.3V Monolithic Dual Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com