Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5226B Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MMSZ5226B
Description  Zeners
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMSZ5226B Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MMSZ5226B_04 Datasheet HTML 1Page - Fairchild Semiconductor MMSZ5226B_04 Datasheet HTML 2Page - Fairchild Semiconductor MMSZ5226B_04 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
©2004 Fairchild Semiconductor Corporation
MMSZ5226B - MMSZ5257B, Rev. E
Electrical Characteristics T
A=25°C unless otherwise noted
Device
Mark
VZ (V)
ZZ (Ω
Ω) @ I
ZK (mA)
ZZK (Ω
Ω) @ I
ZK (mA)
IR
µµµA) @ V
R (V)
Min.
Typ.
Max.
MMSZ5226B
MMSZ5227B
MMSZ5228B
MMSZ5229B
D1
D2
D3
D4
3.135
3.42
3.705
4.085
3.3
3.6
3.9
4.3
3.465
3.78
4.095
4.515
28
24
23
22
20
20
20
20
1,600
1,700
1,900
1,000
0.25
0.25
0.25
0.25
25
15
10
5.0
1.0
1.0
1.0
1.0
MMSZ5230B
MMSZ5231B
MMSZ5232B
MMSZ5233B
D5
E1
E2
E3
4.465
4.845
5.32
5.7
4.7
5.1
5.6
6
4.935
5.355
5.88
6.3
19
17
11
7.0
20
20
20
20
1,900
1,600
1,600
1,600
0.25
0.25
0.25
0.25
5.0
5.0
5.0
5.0
2.0
2.0
3.0
3.5
MMSZ5234B
MMSZ5235B
MMSZ5236B
MMSZ5237B
E4
E5
F1
F2
5.89
6.46
7.125
7.79
6.2
6.8
7.5
8.2
6.51
7.14
7.875
8.61
7.0
5.0
6.0
8.0
20
20
20
20
1,000
750
500
500
0.25
0.25
0.25
0.25
5.0
3.0
3.0
3.0
4.0
5.0
6.0
6.5
MMSZ5238B
MMSZ5239B
MMSZ5240B
MMSZ5241B
MMSZ5242B
F3
F4
F5
H1
H2
8.265
8.645
9.5
10.45
11.4
8.7
9.1
10
11
12
9.135
9.555
10.5
11.55
12.6
8.0
10
17
22
30
20
20
20
20
20
600
600
600
600
600
0.25
0.25
0.25
0.25
0.25
3.0
3.0
3.0
2.0
1.0
6.5
7.0
8.0
8.4
9.1
MMSZ5243B
MMSZ5244B
MMSZ5245B
MMSZ5246B
MMSZ5247B
H3
H4
H5
J1
J2
12.35
13.3
14.25
15.2
16.15
13
14
15
16
17
13.65
14.7
15.75
16.8
17.85
13
15
16
17
19
9.5
9.0
8.5
7.8
7.4
600
600
600
600
600
0.25
0.25
0.25
0.25
0.25
0.5
0.1
0.1
0.1
0.1
9.9
10
11
12
13
MMSZ5248B
MMSZ5249B
MMSZ5250B
MMSZ5251B
MMSZ5252B
J3
J4
J5
K1
K2
17.1
18.05
19
20.92
22.8
18
19
20
22
24
18.9
19.95
21
23.1
25.2
21
23
25
29
33
7.0
6.6
6.2
5.6
5.2
600
600
600
600
600
0.25
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
0.1
14
14
15
17
18
MMSZ5253B
MMSZ5254B
MMSZ5255B
MMSZ5256B
MMSZ5257B
K3
K4
K5
M1
M2
23.75
25.65
26.6
28.5
31.35
25
27
28
30
33
26.25
28.35
29.4
31.5
34.65
35
41
44
49
58
5.0
4.6
4.5
4.2
3.8
600
600
600
600
700
0.25
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
0.1
19
21
21
23
25
VF Foward Voltage = 0.9V Maximum @ IF = 10mA for all MMSZ5200 series
Zeners
MMSZ5226B - MMSZ5257B
Absolute Maximum Ratings * T
A = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of the diode may be impaired.
** FR-4 or FR-5 = 3.5
× 1.5 inches using minimumrecommended land pads.
Symbol
Parameter
Value
Units
PD
Power Dissipation @25
°C
500
mW
RθJA
Thermal Resistance, Juncion to Ambient **
340
°C/W
TSTG
Storage Temperature Range
-55 to +150
°C
TJ
Operating Junction Temperture
+150
°C
SOD-123
Tolerance = 5%


Similar Part No. - MMSZ5226B_04

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSZ5226B-7-F DIODES-MMSZ5226B-7-F Datasheet
99Kb / 4P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 18 - 2
logo
Pan Jit International I...
MMSZ5226B-AU PANJIT-MMSZ5226B-AU Datasheet
263Kb / 6P
   SURFACE MOUNT SILICON ZENER DIODES
logo
TAITRON Components Inco...
MMSZ5226B-F TAITRON-MMSZ5226B-F Datasheet
161Kb / 4P
   500mW Two Terminals SMD Zener Diodes
logo
Won-Top Electronics
MMSZ5226B-T1 WTE-MMSZ5226B-T1 Datasheet
75Kb / 4P
   500mW SURFACE MOUNT ZENER DIODE
logo
Micro Commercial Compon...
MMSZ5226B-TP MCC-MMSZ5226B-TP Datasheet
409Kb / 6P
   500 mW Zener Diodes 2.4 to 39 Volts
More results

Similar Description - MMSZ5226B_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N4370A FAIRCHILD-1N4370A Datasheet
44Kb / 4P
   Zeners
1N4744A FAIRCHILD-1N4744A Datasheet
50Kb / 5P
   Zeners
1N5221B FAIRCHILD-1N5221B_06 Datasheet
193Kb / 4P
   Zeners
1N5985B FAIRCHILD-1N5985B Datasheet
145Kb / 5P
   Zeners
BZX55C2V4 FAIRCHILD-BZX55C2V4_05 Datasheet
148Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_12 Datasheet
159Kb / 4P
   Zeners
1N746A FAIRCHILD-1N746A Datasheet
51Kb / 3P
   Zeners
BZX79C8V2 FAIRCHILD-BZX79C8V2 Datasheet
47Kb / 5P
   Zeners
1N4728A FAIRCHILD-1N4728A_05 Datasheet
52Kb / 5P
   Zeners
BZX79C20 FAIRCHILD-BZX79C20 Datasheet
47Kb / 5P
   Zeners
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com