Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74HCT573 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # MM74HCT573
Description  Octal D-Type Latch - 3-STATE Octal D-Type Flip-Flop
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HCT573 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  MM74HCT573 Datasheet HTML 1Page - Fairchild Semiconductor MM74HCT573 Datasheet HTML 2Page - Fairchild Semiconductor MM74HCT573 Datasheet HTML 3Page - Fairchild Semiconductor MM74HCT573 Datasheet HTML 4Page - Fairchild Semiconductor MM74HCT573 Datasheet HTML 5Page - Fairchild Semiconductor MM74HCT573 Datasheet HTML 6Page - Fairchild Semiconductor MM74HCT573 Datasheet HTML 7Page - Fairchild Semiconductor MM74HCT573 Datasheet HTML 8Page - Fairchild Semiconductor MM74HCT573 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics MM74HCT574
VCC
5.0V, tr tf
6 ns, TA 25qC
AC Electrical Characteristics MM74HCT574
VCC
5.0V
r 10%, tr tf 6 ns (unless otherwise specified)
Note 6: CPD determines the no load power consumption, PD
CPD VCC
2 f  ICC VCC, and the no load dynamic current consumption, IS CPD VCC f  ICC.
Symbol
Parameter
Conditions
Typ
Guaranteed Limit
Units
fMAX
Maximum Clock Frequency
60
33
MHz
tPHL
Maximum Propagation Delay
CL 45 pF
17
27
ns
tPLH
to Output
tPZH
Maximum Enable Propagation Delay
CL 45 pF
19
28
ns
tPZL
Control to Output
RL 1 k:
tPHZ
Maximum Disable Propagation Delay
CL 45 pF
14
25
ns
tPLZ
Control to Output
RL 1 k:
tW
Minimum Clock Pulse Width
15
ns
tS
Minimum Setup Time Data to Clock
12
ns
tH
Minimum Hold Time Clock to Data
5
ns
Symbol
Parameter
Conditions
TA 25qCTA 40 to 85qCTA 55 to 125qC
Units
Typ
Guaranteed Limits
fMAX
Maximum Clock Frequency
33
28
23
MHz
tPHL
Maximum Propagation Delay
CL 50 pF
18
30
38
45
ns
tPLH
Clock to Output
tPZH
Maximum Enable Propagation
CL 50 pF
22
30
38
45
ns
tPZL
Delay Control to Output
RL 1 k:
tPHZ
Maximum Disable Propagation
CL 50 pF
15
30
38
45
ns
tPLZ
Delay Control to Output
RL 1 k:
tTHL
Maximum Output
CL 50 pF
6
12
15
18
ns
tTLH
Rise and Fall Time
tW
Minimum Clock Pulse Width
15
20
24
ns
tS
Minimum Setup Time Data to Clock
6
12
15
18
ns
tH
Minimum Hold Time Clock to Data
15
6
8
ns
CIN
Maximum Input Capacitance
10
10
10
pF
COUT
Maximum Output Capacitance
20
20
20
pF
CPD
Power Dissipation Capacitance
OC
VCC
5pF
(Note 6)
OC
GND
58


Similar Part No. - MM74HCT573

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HCT573 FAIRCHILD-MM74HCT573 Datasheet
98Kb / 8P
   Octal D-Type Latch 3-STATE Octal D-Type Flip-Flop
logo
National Semiconductor ...
MM74HCT573 NSC-MM74HCT573 Datasheet
127Kb / 6P
   TRI-STATE Octal D-Type Latch / TRI-STATE Octal D-Type Flip-Flop
logo
ON Semiconductor
MM74HCT573 ONSEMI-MM74HCT573 Datasheet
222Kb / 11P
   Octal D-Type Latch ??3-STATE Octal D-Type Flip-Flop
Revised May 2005
logo
Fairchild Semiconductor
MM74HCT573MTC FAIRCHILD-MM74HCT573MTC Datasheet
98Kb / 8P
   Octal D-Type Latch 3-STATE Octal D-Type Flip-Flop
logo
ON Semiconductor
MM74HCT573MTC ONSEMI-MM74HCT573MTC Datasheet
222Kb / 11P
   Octal D-Type Latch ??3-STATE Octal D-Type Flip-Flop
Revised May 2005
More results

Similar Description - MM74HCT573

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM74HCT573 ONSEMI-MM74HCT573 Datasheet
222Kb / 11P
   Octal D-Type Latch ??3-STATE Octal D-Type Flip-Flop
Revised May 2005
logo
Fairchild Semiconductor
MM74HCT573 FAIRCHILD-MM74HCT573 Datasheet
98Kb / 8P
   Octal D-Type Latch 3-STATE Octal D-Type Flip-Flop
MM74HCT373 FAIRCHILD-MM74HCT373 Datasheet
108Kb / 9P
   3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
MM74C373 FAIRCHILD-MM74C373 Datasheet
127Kb / 11P
   3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
MM74HCT373 FAIRCHILD-MM74HCT373_05 Datasheet
122Kb / 10P
   3-STATE Octal D-Type Latch 3-STATE Octal D-Type Flip-Flop
logo
National Semiconductor ...
MM54C373 NSC-MM54C373 Datasheet
170Kb / 8P
   Octal D-Type Latch Octal D-Type Flip-Flop
MM54HCT573 NSC-MM54HCT573 Datasheet
127Kb / 6P
   TRI-STATE Octal D-Type Latch / TRI-STATE Octal D-Type Flip-Flop
logo
ON Semiconductor
MM74HC374 ONSEMI-MM74HC374 Datasheet
209Kb / 10P
   3-STATE Octal D-Type Flip-Flop
Revised May 2005
logo
IK Semicon Co., Ltd
IN74VHCT374 IKSEMICON-IN74VHCT374 Datasheet
312Kb / 8P
   Octal D-type flip-flop (3-state)
logo
Texas Instruments
CD74AC574M TI-CD74AC574M Datasheet
1Mb / 17P
[Old version datasheet]   Octal D-Type Flip-Flop, 3-State
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com