Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74HCT373WM Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # MM74HCT373WM
Description  3-STATE Octal D-Type Latch 3-STATE Octal D-Type Flip-Flop
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HCT373WM Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button MM74HCT373WM Datasheet HTML 2Page - Fairchild Semiconductor MM74HCT373WM Datasheet HTML 3Page - Fairchild Semiconductor MM74HCT373WM Datasheet HTML 4Page - Fairchild Semiconductor MM74HCT373WM Datasheet HTML 5Page - Fairchild Semiconductor MM74HCT373WM Datasheet HTML 6Page - Fairchild Semiconductor MM74HCT373WM Datasheet HTML 7Page - Fairchild Semiconductor MM74HCT373WM Datasheet HTML 8Page - Fairchild Semiconductor MM74HCT373WM Datasheet HTML 9Page - Fairchild Semiconductor MM74HCT373WM Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.fairchildsemi.com
6
AC Electrical Characteristics
MM74HCT374: VCC
5.0V, tr tf 6 ns TA 25qC (unless otherwise specified)
AC Electrical Characteristics
MM74HCT374: VCC
5.0V
r 10%, tr tf 6 ns (unless otherwise specified)
Note 6: CPD determines the no load power consumption, PD CPD VCC2 f  ICC VCC, and the no load dynamic current consumption, IS CPD VCC f  ICC.
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
fMAX
Maximum Clock Frequency
50
30
MHz
tPHL, tPLH
Maximum Propagation Delay
CL 45 pF
20
32
ns
to Output
tPZH, tPZL
Maximum Enable Propagation Delay
CL 45 pF
19
28
ns
Control to Output
RL 1 k:
tPHZ, tPLZ
Maximum Disable Propagation Delay
CL 5 pF
17
25
ns
Control to Output
RL 1 k:
tW
Minimum Clock Pulse Width
20
ns
tS
Minimum Setup Time Data to Clock
5
ns
tH
Minimum Hold Time Clock to Data
16
ns
Symbol
Parameter
Conditions
TA 25qCTA 40 to 85qCTA 55 to 125qC
Units
Typ
Guaranteed Limits
fMAX
Maximum Clock Frequency
30
24
20
MHz
tPHL, tPLH Maximum Propagation Delay
CL 50 pF
22
36
45
48
ns
to Output
CL 150 pF
30
46
57
69
ns
tPZH, tPZL Maximum Enable Propagation
CL 50 pF
21
30
37
45
ns
Delay Control to Output
CL 150 pF
30
40
50
60
ns
RL 1 k:
tPHZ, tPLZ Maximum Disable Propagation
CL 50 pF
21
30
37
45
ns
Delay Control to Output
RL 1 k:
tTHL, tTLH Maximum Output Rise
CL 50 pF
8
12
15
18
ns
and Fall Time
tW
Minimum Clock Pulse Width
16
20
24
ns
tS
Minimum Setup Time Data to Clock
20
25
30
ns
tH
Minimum Hold Time Clock to Data
5
5
5
ns
CIN
Maximum Input Capacitance
10
10
10
pF
COUT
Maximum Output Capacitance
20
20
20
pF
CPD
Power Dissipation Capacitance
OC
VCC
5pF
(Note 6)
OC
GND
58
pF


Similar Part No. - MM74HCT373WM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HCT373WM FAIRCHILD-MM74HCT373WM Datasheet
108Kb / 9P
   3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
logo
ON Semiconductor
MM74HCT373WM ONSEMI-MM74HCT373WM Datasheet
230Kb / 12P
   3-STATE Octal D-Type Latch
Revised May 2005
More results

Similar Description - MM74HCT373WM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HCT373 FAIRCHILD-MM74HCT373 Datasheet
108Kb / 9P
   3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
MM74C373 FAIRCHILD-MM74C373 Datasheet
127Kb / 11P
   3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
logo
ON Semiconductor
MM74HCT573 ONSEMI-MM74HCT573 Datasheet
222Kb / 11P
   Octal D-Type Latch ??3-STATE Octal D-Type Flip-Flop
Revised May 2005
logo
Fairchild Semiconductor
MM74HCT573 FAIRCHILD-MM74HCT573_05 Datasheet
114Kb / 9P
   Octal D-Type Latch - 3-STATE Octal D-Type Flip-Flop
MM74HCT573 FAIRCHILD-MM74HCT573 Datasheet
98Kb / 8P
   Octal D-Type Latch 3-STATE Octal D-Type Flip-Flop
logo
ON Semiconductor
MM74HC374 ONSEMI-MM74HC374 Datasheet
209Kb / 10P
   3-STATE Octal D-Type Flip-Flop
Revised May 2005
logo
Integral Corp.
IN74VHCT374 INTEGRAL-IN74VHCT374 Datasheet
309Kb / 8P
   Octal D-type flip-flop (3-state)
logo
KODENSHI_AUK CORP.
KK74VHCT374 KODENSHI-KK74VHCT374 Datasheet
324Kb / 8P
   Octal D-type flip-flop (3-state)
logo
IK Semicon Co., Ltd
IN74VHCT374 IKSEMICON-IN74VHCT374 Datasheet
312Kb / 8P
   Octal D-type flip-flop (3-state)
logo
Texas Instruments
CD74AC574M TI-CD74AC574M Datasheet
1Mb / 17P
[Old version datasheet]   Octal D-Type Flip-Flop, 3-State
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com