Electronic Components Datasheet Search |
|
MM74HCT374 Datasheet(PDF) 4 Page - Fairchild Semiconductor |
|
MM74HCT374 Datasheet(HTML) 4 Page - Fairchild Semiconductor |
4 / 10 page www.fairchildsemi.com 4 Absolute Maximum Ratings(Note 1) (Note 2) Recommended Operating Conditions Note 1: Absolute Maximum Ratings are those values beyond which dam- age to the device may occur. Note 2: Unless otherwise specified all voltages are referenced to ground. Note 3: Power Dissipation temperature derating — plastic “N” package: 12 mW/ qC from 65qC to 85qC. DC Electrical Characteristics VCC 5V r 10% (unless otherwise specified) Note 4: Measured per pin. All others tied to VCC or ground. Supply Voltage (VCC) 0.5 to 7.0V DC Input Voltage (VIN) 1.5 to VCC 1.5V DC Output Voltage (VOUT) 0.5 to VCC 0.5V Clamp Diode Current (IIK, IOK) r20 mA DC Output Current, per pin (IOUT) r35 mA DC VCC or GND Current, per pin (ICC) r70 mA Storage Temperature Range (TSTG) 65qC to 150qC Power Dissipation (PD) (Note 3) 600 mW S.O. Package only 500 mW Lead Temperature (TL) (Soldering 10 seconds) 260 qC Min Max Units Supply Voltage (VCC)4.5 5.5 V DC Input or Output Voltage 0 VCC V (VIN, VOUT) Operating Temperature Range (TA) 40 85 qC Input Rise or Fall Times (tr, tf) 500 ns Symbol Parameter Conditions TA 25qCTA 40 to 85qCTA 55 to 125qC Units Typ Guaranteed Limits VIH Minimum HIGH Level 2.0 2.0 2.0 V Input Voltage VIL Maximum LOW Level 0.8 0.8 0.8 V Input Voltage VOH Minimum HIGH Level VIN VIH or VIL Output Voltage |IOUT| 20 PAVCC VCC 0.1 VCC 0.1 VCC 0.1 V |IOUT| 6.0 mA, VCC 4.5V 4.2 3.98 3.84 3.7 V |IOUT| 7.2 mA, VCC 5.5V 5.7 4.98 4.84 4.7 V VOL Maximum LOW Level VIN VIH or VIL Voltage |IOUT| 20 PA 0 0.1 0.1 0.1 V |IOUT| 6.0 mA, VCC 4.5V 0.2 0.26 0.33 0.4 V |IOUT| 7.2 mA, VCC 5.5V 0.2 0.26 0.33 0.4 V IIN Maximum Input VIN VCC or GND, r0.1 r1.0 r1.0 PA Current VIH or VIL IOZ Maximum 3-STATE VOUT VCC or GND Output Leakage Enable VIH or VIL r0.5 r5.0 r10 PA Current ICC Maximum Quiescent VIN VCC or GND 8.0 80 160 PA Supply Current IOUT 0 PA VIN 2.4V or 0.5V (Note 4) 1.0 1.3 1.5 mA |
Similar Part No. - MM74HCT374 |
|
Similar Description - MM74HCT374 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |