Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74HCT373 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MM74HCT373
Description  3-STATE Octal D-Type Latch 3-STATE Octal D-Type Flip-Flop
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HCT373 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MM74HCT373 Datasheet HTML 1Page - Fairchild Semiconductor MM74HCT373 Datasheet HTML 2Page - Fairchild Semiconductor MM74HCT373 Datasheet HTML 3Page - Fairchild Semiconductor MM74HCT373 Datasheet HTML 4Page - Fairchild Semiconductor MM74HCT373 Datasheet HTML 5Page - Fairchild Semiconductor MM74HCT373 Datasheet HTML 6Page - Fairchild Semiconductor MM74HCT373 Datasheet HTML 7Page - Fairchild Semiconductor MM74HCT373 Datasheet HTML 8Page - Fairchild Semiconductor MM74HCT373 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2005 Fairchild Semiconductor Corporation
DS005367
www.fairchildsemi.com
February 1984
Revised May 2005
MM74HCT373 • MM74HCT374
3-STATE Octal D-Type Latch •
3-STATE Octal D-Type Flip-Flop
General Description
The
MM74HCT373
octal
D-type
latches
and
MM74HCT374 Octal D-type flip flops advanced silicon-gate
CMOS technology, which provides the inherent benefits of
low power consumption and wide power supply range, but
are LS-TTL input and output characteristic & pin-out com-
patible. The 3-STATE outputs are capable of driving 15 LS-
TTL loads. All inputs are protected from damage due to
static discharge by internal diodes to VCC and ground.
When the MM74HCT373 LATCH ENABLE input is HIGH,
the Q outputs will follow the D inputs. When the LATCH
ENABLE goes LOW, data at the D inputs will be retained at
the outputs until LATCH ENABLE returns HIGH again.
When a high logic level is applied to the OUTPUT CON-
TROL input, all outputs go to a high impedance state,
regardless of what signals are present at the other inputs
and the state of the storage elements.
The MM74HCT374 are positive edge triggered flip-flops.
Data at the D inputs, meeting the setup and hold time
requirements, are transferred to the Q outputs on positive
going transitions of the CLOCK (CK) input. When a high
logic level is applied to the OUTPUT CONTROL (OC)
input, all outputs go to a high impedance state, regardless
of what signals are present at the other inputs and the state
of the storage elements.
MM74HCT devices are intended to interface between TTL
and NMOS components and standard CMOS devices.
These parts are also plug in replacements for LS-TTL
devices and can be used to reduce power consumption in
existing designs.
Features
s TTL input characteristic compatible
s Typical propagation delay: 20 ns
s Low input current: 1
PA maximum
s Low quiescent current: 80
PA maximum
s Compatible with bus-oriented systems
s Output drive capability: 15 LS-TTL loads
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Order Number
Package Number
Package Descriptions
MM74HCT373WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
MM74HCT373SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HCT373MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HCT373N
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
MM74HCT374WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
MM74HCT374SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HCT374MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HCT374N
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


Similar Part No. - MM74HCT373

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HCT373 FAIRCHILD-MM74HCT373 Datasheet
108Kb / 9P
   3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
logo
ON Semiconductor
MM74HCT373 ONSEMI-MM74HCT373 Datasheet
230Kb / 12P
   3-STATE Octal D-Type Latch
Revised May 2005
logo
Fairchild Semiconductor
MM74HCT373MTC FAIRCHILD-MM74HCT373MTC Datasheet
108Kb / 9P
   3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
logo
ON Semiconductor
MM74HCT373MTC ONSEMI-MM74HCT373MTC Datasheet
230Kb / 12P
   3-STATE Octal D-Type Latch
Revised May 2005
logo
Fairchild Semiconductor
MM74HCT373N FAIRCHILD-MM74HCT373N Datasheet
108Kb / 9P
   3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
More results

Similar Description - MM74HCT373

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HCT373 FAIRCHILD-MM74HCT373 Datasheet
108Kb / 9P
   3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
MM74C373 FAIRCHILD-MM74C373 Datasheet
127Kb / 11P
   3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
logo
ON Semiconductor
MM74HCT573 ONSEMI-MM74HCT573 Datasheet
222Kb / 11P
   Octal D-Type Latch ??3-STATE Octal D-Type Flip-Flop
Revised May 2005
logo
Fairchild Semiconductor
MM74HCT573 FAIRCHILD-MM74HCT573_05 Datasheet
114Kb / 9P
   Octal D-Type Latch - 3-STATE Octal D-Type Flip-Flop
MM74HCT573 FAIRCHILD-MM74HCT573 Datasheet
98Kb / 8P
   Octal D-Type Latch 3-STATE Octal D-Type Flip-Flop
logo
ON Semiconductor
MM74HC374 ONSEMI-MM74HC374 Datasheet
209Kb / 10P
   3-STATE Octal D-Type Flip-Flop
Revised May 2005
logo
Integral Corp.
IN74VHCT374 INTEGRAL-IN74VHCT374 Datasheet
309Kb / 8P
   Octal D-type flip-flop (3-state)
logo
KODENSHI_AUK CORP.
KK74VHCT374 KODENSHI-KK74VHCT374 Datasheet
324Kb / 8P
   Octal D-type flip-flop (3-state)
logo
IK Semicon Co., Ltd
IN74VHCT374 IKSEMICON-IN74VHCT374 Datasheet
312Kb / 8P
   Octal D-type flip-flop (3-state)
logo
Texas Instruments
CD74AC574M TI-CD74AC574M Datasheet
1Mb / 17P
[Old version datasheet]   Octal D-Type Flip-Flop, 3-State
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com