Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-1565PCIF Datasheet(PDF) 1 Page - Holt Integrated Circuits

Part # HI-1565PCIF
Description  5V Monolithic Dual Transceivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-1565PCIF Datasheet(HTML) 1 Page - Holt Integrated Circuits

  HI-1565PCIF Datasheet HTML 1Page - Holt Integrated Circuits HI-1565PCIF Datasheet HTML 2Page - Holt Integrated Circuits HI-1565PCIF Datasheet HTML 3Page - Holt Integrated Circuits HI-1565PCIF Datasheet HTML 4Page - Holt Integrated Circuits HI-1565PCIF Datasheet HTML 5Page - Holt Integrated Circuits HI-1565PCIF Datasheet HTML 6Page - Holt Integrated Circuits HI-1565PCIF Datasheet HTML 7Page - Holt Integrated Circuits HI-1565PCIF Datasheet HTML 8Page - Holt Integrated Circuits HI-1565PCIF Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HI-1565, HI-1566
MIL-STD-1553 / 1760
5V Monolithic Dual Transceivers
DESCRIPTION
FEATURES
PIN CONFIGURATIONS
The HI-1565 and HI-1566 are low power CMOS dual
transceivers designed to meet the requirements of the
MIL-STD-1553 /1760 specifications.
The transmitter section of each channel takes
complementary CMOS / TTL digital input data and
converts it to bi-phase Manchester encoded 1553 signals
suitable for driving the bus isolation transformer. Separate
transmitter inhibit control signals are provided for each
transmitter.
The receiver section of each channel converts the 1553
bus bi-phase data to complementary CMOS / TTL data
suitable for inputting to a Manchester decoder. Each
receiver has a separate enable input which can be used to
force the output of the receiver to a logic 0 (HI-1565) or
logic 1 (HI-1566).
To minimize the package size for this function, the
transmitter outputs are internally connected to the receiver
inputs, so that only two pins are required for connection to
each coupling transformer.
VDDA 1
BUSA 2
3
RXENA 4
GNDA 5
VDDB 6
BUSB 7
8
RXENB 9
GNDB 10
BUSA
BUSB
!
!
!
!
!
!
!
Compliant to MIL-STD-1553A & B,
MIL-STD-1760, ARINC 708A
CMOS technology for low standby power
Smallest footprint available in 44-pin plastic
chip-scale package with integral heatsink
Less than 1.0W maximum power dissipation
BUS pins ESD protected to greater than 8KV
Also available in DIP and small outline
(ESOIC) package options
Military processing options
Industry standard pin configurations
!
20 Pin Ceramic DIP package
20
19 TXA
18 TXINHA
17 RXA
16
15
14 TXB
13 TXINHB
12 RXB
11
TXA
RXA
TXB
RXB
20 Pin Plastic ESOIC - WB package
August 2006
(DS1565 Rev. A)
08/06
1
BUSA 2
3
RXENA 4
GNDA 5
VDDB 6
BUSB 7
8
RXENB 9
GNDB 10
VDDA
BUSA
BUSB
20
19 TXA
18 TXINHA
17 RXA
16
15
14 TXB
13 TXINHB
12 RXB
11
TXA
RXA
TXB
RXB
HOLT INTEGRATED CIRCUITS
www.holtic.com
1565PSI
1565PST
1565PSM
1565PSI
1565PST
1565PSM
1565CDI
1565CDT
1565CDM
1566CDI
1566CDT
1566CDM
-1
RXENA 2
GNDA 3
GNDA 4
GNDA 5
VDDB 6
VDDB 7
BUSB 8
BUSB 9
10
11
BUSB
BUSB
33 -
32 -
31 TXINHA
30 RXA
29
28 -
27 -
26
25 TXB
24 TXINHB
23 -
RXA
TXB
44 Pin Plastic 7mm x 7mm
Chip-scale package
1565PCI
1565PCT
1566PCI
1566PCT


Similar Part No. - HI-1565PCIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1565 HOLTIC-HI-1565 Datasheet
97Kb / 10P
   5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565_09 Datasheet
97Kb / 10P
   5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565_13 Datasheet
88Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
More results

Similar Description - HI-1565PCIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1567 HOLTIC-HI-1567_16 Datasheet
83Kb / 11P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567 Datasheet
216Kb / 7P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1565 HOLTIC-HI-1565_09 Datasheet
97Kb / 10P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_03 Datasheet
106Kb / 9P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1567 HOLTIC-HI-1567_09 Datasheet
85Kb / 10P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_06 Datasheet
157Kb / 9P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565_13 Datasheet
88Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1579 HOLTIC-HI-1579_16 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
HI-1579A HOLTIC-HI-1579A Datasheet
69Kb / 9P
   3.3V Monolithic Dual Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com