Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP3015KTR-E1 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AP3015KTR-E1
Description  MICRO POWER STEP-UP DC-DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3015KTR-E1 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3015KTR-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3015KTR-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3015KTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3015KTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3015KTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3015KTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3015KTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3015KTR-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3015KTR-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MICRO POWER STEP-UP DC-DC CONVERTER
AP3015/A
7
Aug. 2006 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
Preliminary Datasheet
Figure 9. Switch Current Limit vs. Junction Temperature
Typical Performance Characteristics (Continued)
Figure 10. Saturation Voltage vs. Junction Temperature Figure 11. Saturation Voltage vs. Junction Temperature
Figure 8. Switch Current Limit vs. Junction Temperature
Unless otherwise noted, VIN=1.2V
-50
-25
0
25
50
75
100
40
44
48
52
56
60
64
68
72
76
80
Junction Temperature (
OC)
AP3015A, I
SWITCH
=70mA
V
IN
=1.2V
V
IN
=12V
-50
-25
0
25
50
75
100
200
250
300
350
400
450
500
Junction Temperature (
OC)
AP3015
V
IN
=1.2V
V
IN
=12V
-50
-25
0
25
50
75
100
80
82
84
86
88
90
92
94
96
98
100
102
104
106
108
110
112
114
116
118
120
Junction Temperature (
OC)
AP3015A
V
IN
=1.2V
V
IN
=12V
-50
-25
0
25
50
75
100
150
160
170
180
190
200
210
220
230
240
250
Junction Temperature (
OC)
AP3015, I
SWITCH
=300mA
V
IN
=1.2V
V
IN
=12V


Similar Part No. - AP3015KTR-E1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3015KTR-E1 DIODES-AP3015KTR-E1 Datasheet
566Kb / 11P
   MICRO POWER STEP-UP DC-DC CONVERTER
Rev. 1 - 4 May 2010
More results

Similar Description - AP3015KTR-E1

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1309 AIMTRON-AT1309 Datasheet
287Kb / 14P
   Micro-Power Step up DC-DC Converter
logo
Global Mixed-mode Techn...
AT1308A GMT-AT1308A Datasheet
73Kb / 1P
   Micro-Power Step up DC-DC Converter
logo
Diodes Incorporated
AP3015 DIODES-AP3015 Datasheet
566Kb / 11P
   MICRO POWER STEP-UP DC-DC CONVERTER
Rev. 1 - 4 May 2010
logo
Silicon Standard Corp.
SS8051 SSC-SS8051 Datasheet
433Kb / 9P
   Micro-Power Step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE707A ACE-ACE707A Datasheet
194Kb / 9P
   Micro Power Step-up DC-DC Converter
VER 1.2
logo
Silicon Standard Corp.
SS8028 SSC-SS8028 Datasheet
154Kb / 9P
   Micro-Power Step-up DC/DC Converter
logo
List of Unclassifed Man...
AT1308 ETC1-AT1308 Datasheet
377Kb / 15P
   Preliminary Product Information Micro-Power Step up DC-DC Converter
logo
Leshan Radio Company
LR8304 LRC-LR8304 Datasheet
582Kb / 13P
   Low Power DC-DC Step-Up Converter
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com