Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC14C080 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC14C080
Description  14-Bit, 65/80/95/105 MSPS A/D Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC14C080 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC14C080 Datasheet HTML 1Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 2Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 3Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 4Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 5Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 6Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 7Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 8Page - National Semiconductor (TI) ADC14C080 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Absolute Maximum Ratings (Notes 1,
3)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
A,VDR)
−0.3V to 4.2V
Voltage on Any Pin
(Not to exceed 4.2V)
−0.3V to (V
A +0.3V)
Input Current at Any Pin other
than Supply Pins (Note 4)
±5mA
Package Input Current (Note
4)
±50 mA
Max Junction Temp (T
J)
+150˚C
Thermal Resistance (
θ
JA)
30˚C/W
ESD Rating
Human Body Model (Note 6)
2500V
Machine Model (Note 6)
250V
Storage Temperature
−65˚C to +150˚C
Soldering process must comply with National
Semiconductor’s Reflow Temperature Profile
specifications. Refer to www.national.com/packaging.
(Note 7)
Operating Ratings (Notes 1, 3)
Operating Temperature
−40˚C
≤ T
A
≤ +85˚C
Supply Voltage (V
A)
(ADC14C065,ADC14C080)
+2.7V to +3.6V
(ADC14C095,ADC14C105)
+3.0V to +3.6V
Output Driver Supply (V
DR)
+2.25V to V
A
Clock Duty Cycle
(DCS Enabled)
30/70 %
(DCS disabled)
45/55 %
V
CM
1.4V to 1.6V
|AGND-DRGND|
≤100mV
ADC14C065 Converter Electrical Characteristics
This product is currently under development. As such, the parameters specified are DESIGN TARGETS. The specifica-
tions cannot be guaranteed until device characterization has taken place.
Unless otherwise specified, the following specifications apply: AGND = DRGND = 0V, V
A = +3.0V, VDR = +2.5V, Internal VREF
= +1.2V, f
CLK = 65 MHz, VCM =VCMO,CL = 5 pF/pin. Typical values are for TA = 25˚C. Boldface limits apply for TMIN
≤ T
A
T
MAX. All other limits apply for TA = 25˚C (Notes 8, 9)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
Units
(Limits)
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
14
Bits (min)
INL
Integral Non Linearity (Note 11)
±1.5
LSB (max)
LSB (min)
DNL
Differential Non Linearity
±0.5
LSB (max)
LSB (min)
Under Range Output Code
0
0
Over Range Output Code
16383
16383
REFERENCE AND ANALOG INPUT CHARACTERISTICS
V
CMO
Common Mode Output Voltage
1.5
1.45
1.55
V (min)
V (max)
V
CM
Analog Input Common Mode
Voltage
1.5
1.4
1.6
V (min)
V (max)
C
IN
V
IN Input Capacitance (each pin to
GND) (Note 12)
V
IN = 1.5 Vdc
± 0.5 V
(CLK LOW)
8.5
pF
(CLK HIGH)
3.5
pF
V
REF
External Reference Voltage
1.20
1.176
1.224
V (min)
V (max)
www.national.com
5


Similar Part No. - ADC14C080

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC14C080 TI1-ADC14C080 Datasheet
1Mb / 30P
[Old version datasheet]   14-Bit, 65/80 MSPS A/D Converter
ADC14C080 TI1-ADC14C080 Datasheet
1Mb / 31P
[Old version datasheet]   65/80 MSPS A/D Converter
ADC14C080CISQE/NOPB TI1-ADC14C080CISQE/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   65/80 MSPS A/D Converter
ADC14C080 TI1-ADC14C080_14 Datasheet
1Mb / 30P
[Old version datasheet]   14-Bit, 65/80 MSPS A/D Converter
ADC14C080 TI1-ADC14C080_15 Datasheet
1Mb / 31P
[Old version datasheet]   65/80 MSPS A/D Converter
More results

Similar Description - ADC14C080

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14C105 NSC-ADC14C105_07 Datasheet
453Kb / 24P
   14-Bit, 95/105 MSPS A/D Converter
logo
Texas Instruments
ADC14C105 TI1-ADC14C105_14 Datasheet
1Mb / 30P
[Old version datasheet]   14-Bit, 95/105 MSPS A/D Converter
logo
Analog Devices
AD6645ASQZ-105 AD-AD6645ASQZ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASVZ-80 AD-AD6645ASVZ-80 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQZ-80 AD-AD6645ASQZ-80 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645 AD-AD6645_15 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQ-105 AD-AD6645ASQ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASVZ-105 AD-AD6645ASVZ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
logo
Texas Instruments
ADC14C080 TI1-ADC14C080_14 Datasheet
1Mb / 30P
[Old version datasheet]   14-Bit, 65/80 MSPS A/D Converter
logo
Analog Devices
AD9216 AD-AD9216 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com