Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A7623-S08-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # A7623-S08-T
Description  2횞75??DRIVER IC WITH 3 INTERNAL CIRCUITS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

A7623-S08-T Datasheet(HTML) 2 Page - Unisonic Technologies

  A7623-S08-T Datasheet HTML 1Page - Unisonic Technologies A7623-S08-T Datasheet HTML 2Page - Unisonic Technologies A7623-S08-T Datasheet HTML 3Page - Unisonic Technologies A7623-S08-T Datasheet HTML 4Page - Unisonic Technologies A7623-S08-T Datasheet HTML 5Page - Unisonic Technologies A7623-S08-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A7623
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R121-014,A
PIN DESCRIPTIONS
PIN NO.
PIN NAME
DESCRIPTION
1
GND
Ground connection
2
IN1
3
IN2
4
IN3
Direct-coupling input
Input composite/component video (RGB) signals.
The operating input signal level is 0.5V to 3.8V.
5
VCC
Power supply
6
OUT3
7
OUT2
8
OUT1
Direct-coupling output
When short to ground a protection circuit operates, and the IC enters power-save
mode.
BLOCK DIAGRAM
GND
IN1
IN2
IN3
VCC
OUT3
OUT2
OUT1
5
6
7
8
4
3
2
1
75Ω
driver
75Ω
driver
75Ω
driver


Similar Part No. - A7623-S08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
A7623-S08-T UTC-A7623-S08-T Datasheet
130Kb / 6P
   DRIVER IC WITH 3 INTERNAL CIRCUITS
More results

Similar Description - A7623-S08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
A7623 UTC-A7623_15 Datasheet
130Kb / 6P
   DRIVER IC WITH 3 INTERNAL CIRCUITS
logo
Rohm
BA7622F ROHM-BA7622F Datasheet
77Kb / 7P
   75??driver IC with 3 internal circuits
BA7623F ROHM-BA7623F Datasheet
68Kb / 6P
   75??driver IC with 3 internal circuits
logo
List of Unclassifed Man...
HX8609A ETC1-HX8609A Datasheet
138Kb / 2P
   240 Channel TFT Gate Driver with Internal Power IC
logo
Micrel Semiconductor
MIC3003GFL MICREL-MIC3003GFL Datasheet
752Kb / 74P
   FOM Management IC with Internal Calibration
MIC3003 MICREL-MIC3003_11 Datasheet
755Kb / 75P
   FOM Management IC with Internal Calibration
MIC3003 MICREL-MIC3003 Datasheet
755Kb / 75P
   FOM Management IC with Internal Calibration
logo
Rohm
BD6040GUL ROHM-BD6040GUL Datasheet
210Kb / 2P
   Charger Protection IC with Internal FET
logo
Micrel Semiconductor
MIC3001 MICREL-MIC3001 Datasheet
357Kb / 74P
   SFP Management IC with Internal Calibration
MIC3002 MICREL-MIC3002_10 Datasheet
1Mb / 65P
   FOM Management IC with Internal Calibration
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com