Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74HC139M Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MM74HC139M
Description  Dual 2-To-4 Line Decoder
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC139M Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MM74HC139M Datasheet HTML 1Page - Fairchild Semiconductor MM74HC139M Datasheet HTML 2Page - Fairchild Semiconductor MM74HC139M Datasheet HTML 3Page - Fairchild Semiconductor MM74HC139M Datasheet HTML 4Page - Fairchild Semiconductor MM74HC139M Datasheet HTML 5Page - Fairchild Semiconductor MM74HC139M Datasheet HTML 6Page - Fairchild Semiconductor MM74HC139M Datasheet HTML 7Page - Fairchild Semiconductor MM74HC139M Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
(Note 3)
Recommended Operating
Conditions
Note 2: Absolute Maximum Ratings are those values beyond which dam-
age to the device may occur.
Note 3: Unless otherwise specified all voltages are referenced to ground.
Note 4: Power Dissipation temperature derating — plastic “N” package:
12 mW/
°C from 65°C to 85°C.
DC Electrical Characteristics (Note 5)
Note 5: For a power supply of 5V
±10% the worst case output voltages (V
OH, and VOL) occur for HC at 4.5V. Thus the 4.5V values should be used when
designing with this supply. Worst case VIH and VIL occur at VCC = 5.5V and 4.5V respectively. (The VIH value at 5.5V is 3.85V.) The worst case leakage cur-
rent (IIN, ICC, and IOZ) occur for CMOS at the higher voltage and so the 6.0V values should be used.
Supply Voltage (VCC)
−0.5 to +7.0V
DC Input Voltage (VIN)
−1.5 to V
CC +1.5V
DC Output Voltage (VOUT)
−0.5 to V
CC +0.5V
Clamp Diode Current (IIK, IOK)
±20 mA
DC Output Current, per pin (IOUT)
±25 mA
DC VCC or GND Current, per pin (ICC)
±50 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Power Dissipation (PD)
(Note 4)
600 mW
S.O. Package only
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260
°C
Min
Max
Units
Supply Voltage (VCC)2
6
V
DC Input or Output Voltage
0
VCC
V
(VIN, VOUT)
Operating Temperature Range (TA)
−40
+85
°C
Input Rise or Fall Times
(tr, tf) VCC = 2.0V
1000
ns
VCC = 4.5V
500
ns
VCC = 6.0V
400
ns
Symbol
Parameter
Conditions
VCC
TA = 25°CTA = −40 to 85°CTA = −55 to 125°C
Units
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
2.0V
1.5
1.5
1.5
V
Input Voltage
4.5V
3.15
3.15
3.15
6.0V
4.2
4.2
4.2
VIL
Maximum LOW Level
2.0V
0.5
0.5
0.5
V
Input Voltage
4.5V
1.35
1.35
1.35
6.0V
1.8
1.8
1.8
VOH
Minimum HIGH Level
VIN = VIH or VIL
V
Output Voltage
|IOUT| ≤ 20 µA
2.0V
2.0
1.9
1.9
1.9
4.5V
4.5
4.4
4.4
4.4
6.0V
6.0
5.9
5.9
5.9
VIN = VIH or VIL
|IOUT| ≤ 4.0 mA
4.5V
4.2
3.98
3.84
3.7
|IOUT| ≤ 5.2 mA
6.0V
5.7
5.48
5.34
5.2
VOL
Maximum LOW Level
VIN = VIH or VIL
V
Output Voltage
|IOUT| ≤ 20 µA
2.0V
0
0.1
0.1
0.1
4.5V
0
0.1
0.1
0.1
6.0V
0
0.1
0.1
0.1
VIN = VIH or VIL
|IOUT| ≤ 4.0 mA
4.5V
0.2
0.26
0.33
0.4
|IOUT| ≤ 5.2 mA
6.0V
0.2
0.26
0.33
0.4
IIN
Maximum Input
VIN = VCC or GND
6.0V
±0.1
±1.0
±1.0
µA
Current
ICC
Maximum Quiescent
VIN = VCC or GND
6.0V
8.0
80
160
µA
Supply Current
IOUT = 0 µA


Similar Part No. - MM74HC139M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC139M FAIRCHILD-MM74HC139M Datasheet
70Kb / 7P
   Dual 2-To-4 Line Decoder
MM74HC139MTC FAIRCHILD-MM74HC139MTC Datasheet
70Kb / 7P
   Dual 2-To-4 Line Decoder
More results

Similar Description - MM74HC139M

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MET139AFK TOSHIBA-TC7MET139AFK_07 Datasheet
181Kb / 6P
   Dual 2-to-4 Line Decoder
TC74AC139F TOSHIBA-TC74AC139F_12 Datasheet
233Kb / 8P
   Dual 2-to-4 Line Decoder
TC74ACT139F TOSHIBA-TC74ACT139F_12 Datasheet
232Kb / 8P
   Dual 2-to-4 Line Decoder
TC74HCT139AF TOSHIBA-TC74HCT139AF_12 Datasheet
217Kb / 7P
   Dual 2-to-4 Line Decoder
TC74VHC139F TOSHIBA-TC74VHC139F_12 Datasheet
230Kb / 8P
   Dual 2-to-4 Line Decoder
logo
National Semiconductor ...
MM54HCT139 NSC-MM54HCT139 Datasheet
115Kb / 4P
   Dual 2-To-4 Line Decoder
logo
Toshiba Semiconductor
TC74VHCT139AF TOSHIBA-TC74VHCT139AF_07 Datasheet
258Kb / 9P
   Dual 2-to-4 Line Decoder
TC74HC139AP TOSHIBA-TC74HC139AP Datasheet
251Kb / 6P
   DUAL 2 TO 4 LINE DECODER
TC7MH139FK TOSHIBA-TC7MH139FK Datasheet
185Kb / 5P
   DUAL 2-TO-4 LINE DECODER
TC74VHC139F TOSHIBA-TC74VHC139F_07 Datasheet
227Kb / 8P
   Dual 2-to-4 Line Decoder
TC74AC139P TOSHIBA-TC74AC139P Datasheet
271Kb / 6P
   DUAL 2 - TO - 4 LINE DECODER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com