Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZR39161 Datasheet(PDF) 1 Page - Zoran Corporation

Part # ZR39161
Description  Integrated Digital TV Processors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZORAN [Zoran Corporation]
Direct Link  http://www.csr.com/
Logo ZORAN - Zoran Corporation

ZR39161 Datasheet(HTML) 1 Page - Zoran Corporation

  ZR39161 Datasheet HTML 1Page - Zoran Corporation ZR39161 Datasheet HTML 2Page - Zoran Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SupraTV
® 160 Family
Integrated Digital TV Processors
Te l
408.523.6500
Fax
408.523.6501
www.zoran.com
Product Brief
Zoran Corporation
1390 Kifer Road
Sunnyvale, CA 94086-5305
12/06 IN
ZR39160 Family
The SupraTV 160 family of highly integrated digital TV processors for
Free-To-Air and Pay TV Set-Top Boxes (STBs) and integrated digital
TVs supports single or dual tuner Digital Video Recording (DVR).
Combining the key functions required to support digital television
systems, the SupraTV processor enables products with enhanced
flexibility and performance to be developed at the lowest possible
system cost. The use of programmable DSP-based technology allows
for product differentiation, while a high performance MIPS processor
provides access to industry standard middleware, including MHEG-5.
With a comprehensive set of software drivers, proven tool kit and
reference platforms, the SupraTV family keeps product development
times to a minimum.
Overview
• MIPS 32 CPU with MMU
- 8K I-cache, 8K D-cache
- 195 MHz Main CPU & programmable DSP operating speed
- ≥230 Dhrystone MIPS total performance
• 16 or 32 bit SDRAM controller (64Mbit - 256Mbit)
• Transport stream demultiplexer
- Programmable multi-stream transport demultiplexer with DVB
descrambler
- Three transport stream interfaces
- DVB descrambling
- Dual SmartCard interfaces with integrated protection & control
- Integrated two-slot DVB-CIM controller
• MPEG-2 video decoder, ISO/IEC13818-2 (MP@ML)
- Support for bitrates up to 15Mbits/sec
• Graphics and video processing subsystem
- Advanced DMA engine to support 2D graphics
- 4, 8 bit CLUT, 16bit RGB with OSD, antiflicker filtering
- Flexible down/up-scaling of video
- 5 graphic planes
• Digital television interfaces
- CCIR-601 digital video input for decoded NTSC/PAL/SECAM
- CCIR-601 digital video output for external scalers
- Two-channel audio input for decoded analog TV audio
•USB
- USB 2.0 Full Speed Host-Type controller and PHY
- USB based updates and MP3/JPEG playback
• Integrated PAL/NTSC/SECAM Video Encoder
- VBI (Teletext, WSS, CC) and VPS reinsertion
- Simultaneous Component, S-Video and RGB output
- 6 video DACs
• Audio support
- Programmable audio DSP for MPEG layers 1 & 2, MP3 & WMA
- Stereo audio DACs integrated
- Two-channel audio output using I2S or analog
- SPDIF output
• Single crystal
- Integrated digital timing oscillator replacing external VCXO
• Set-Top Box interfaces
-UARTs,I2C,IR, GPIOs
- Glueless Guestbus interface to 8 or 16 bit flash memory
- V.22 bis modem CODEC and DAA interface support
• Digital Video Recording
*
- Support for single and dual tuner Digital Video Recording
- Guestbus based ATAPI interface for hard drive
• Advanced security
*
- Local triple DES encrypt/decrypt engine
- 1KB OTP memory
• 256-pin PQFP package
• ZR39160 — designed for use in entry free-to-air and payTV
markets
• ZR39161 — designed for use in free-to-air and payTV markets
containing digital video recording and advanced copy protection
• ZR39162 — designed for use in entry UK Free-To-Air terrestrial
markets, including DTVS MHEG-5 software
• ZR39163 — designed for use in U.K. terrestrial markets containing
digital video recording and advanced copy protection, and
including DTVS MHEG-5 software
SupraTV 160 Family
DVD
Digital Camera
Digital TV
Imaging
IP Core
Differences Between ZR39160, ZR39161, ZR39162 and ZR39163
SupraTV 16x Features Summary
Chip
Target Markets
Features Includes MHEG-5 Software
ZR39160
Entry Free-to-Air and PayTV
Entry
No
ZR39161
Digital Video Recording and Advanced PayTV
Premium
*
No
ZR39162
Entry U.K. Terrestrial
Entry
Yes
ZR39163
U.K. Terrestrial with Digital Video Recording and Advanced PayTV Premium
*
Yes
Driving the Digital Lifestyle


Similar Part No. - ZR39161

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
ZR391055 ZORAN-ZR391055 Datasheet
66Kb / 2P
   Integrated DTV System On a Chip
ZR39140 ZORAN-ZR39140 Datasheet
130Kb / 2P
   INTEGRATED DIGITAL TV PROCESSORS
ZR39150 ZORAN-ZR39150 Datasheet
130Kb / 2P
   INTEGRATED DIGITAL TV PROCESSORS
ZR39151 ZORAN-ZR39151 Datasheet
130Kb / 2P
   INTEGRATED DIGITAL TV PROCESSORS
ZR39152 ZORAN-ZR39152 Datasheet
130Kb / 2P
   INTEGRATED DIGITAL TV PROCESSORS
More results

Similar Description - ZR39161

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
ZR39150 ZORAN-ZR39150 Datasheet
130Kb / 2P
   INTEGRATED DIGITAL TV PROCESSORS
ZR39600 ZORAN-ZR39600 Datasheet
111Kb / 2P
   Integrated High Definition Digital TV Processors
logo
NXP Semiconductors
TDA8360 PHILIPS-TDA8360 Datasheet
200Kb / 36P
   Integrated PAL and PAL/NTSC TV processors
March 1994
logo
Harris Corporation
CA1391 HARRIS-CA1391 Datasheet
51Kb / 4P
   TV Horizontal Processors
logo
Cirrus Logic
CS4525 CIRRUS-CS4525 Datasheet
1Mb / 91P
   30 W Digital TV Amplifier with Integrated ADC
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com