Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74C926N Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MM74C926N
Description  4-Digit Counters with Multiplexed
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74C926N Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MM74C926N Datasheet HTML 1Page - Fairchild Semiconductor MM74C926N Datasheet HTML 2Page - Fairchild Semiconductor MM74C926N Datasheet HTML 3Page - Fairchild Semiconductor MM74C926N Datasheet HTML 4Page - Fairchild Semiconductor MM74C926N Datasheet HTML 5Page - Fairchild Semiconductor MM74C926N Datasheet HTML 6Page - Fairchild Semiconductor MM74C926N Datasheet HTML 7Page - Fairchild Semiconductor MM74C926N Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. Except for “Operating Tempera-
ture Range” they are not meant to imply that the devices should be oper-
ated at these limits. The Electrical Characteristics table provides conditions
for actual device operation.
DC Electrical Characteristics
Min/Max limits apply at
−40°C ≤ tj≤ + 85°C, unless otherwise noted
Note 2:
θ
jA measured in free-air with device soldered into printed circuit board.
Voltage at Any Output Pin
GND
− 0.3V to V
CC + 0.3V
Voltage at Any Input Pin
GND
− 0.3V to +15V
Operating Temperature
Range (TA)
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Power Dissipation (PD)
Refer to PD(MAX) vs TA Graph
Operating VCC Range
3V to 6V
VCC
6.5V
Lead Temperature
(Soldering, 10 seconds)
260
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS TO CMOS
VIN(1)
Logical “1” Input Voltage
VCC = 5V
3.5
V
VIN(0)
Logical “0” Input Voltage
VCC = 5V
1.5
V
VOUT(1)
Logical “1” Output Voltage
VCC = 5V, IO = −10 µA
(Carry-Out and Digit Output Only)
4.5
V
VOUT(0)
Logical “0” Output Voltage
VCC = 5V, IO = 10 µA0.5
V
IIN(1)
Logical “1” Input Current
VCC = 5V, VIN = 15V
0.005
1
µA
IIN(0)
Logical “0” Input Current
VCC = 5V, VIN = 0V
−1
−0.005
µA
ICC
Supply Current
VCC = 5V, Outputs Open Circuit,
20
1000
µA
VIN = 0V or 5V
CMOS/LPTTL INTERFACE
VIN(1)
Logical “1” Input Voltage
VCC = 4.75V
VCC − 2V
VIN(0)
Logical “0” Input Voltage
VCC = 4.75V
0.8
V
VOUT(1)
Logical “1” Output Voltage
VCC = 4.75V,
(Carry-Out and Digit Output Only)
IO = −360 µA2.4
V
VOUT(0)
Logical “0” Output Voltage
VCC = 4.75V, IO = 360 µA0.4
V
OUTPUT DRIVE
VOUT
Output Voltage
IOUT = −65 mA, VCC = 5V, Tj = 25°CVCC − 2VCC − 1.3
V
(Segment Sourcing Output)
IOUT = −40 mA, VCC = 5V
Tj = 100°CVCC − 1.6
VCC − 1.2
V
Tj = 150°CVCC − 2VCC − 1.4
V
RON
Output Resistance
IOUT = −65 mA, VCC = 5V, Tj = 25°C20
32
(Segment Sourcing Output)
IOUT = −40 mA, VCC = 5V
Tj = 100°C30
40
Tj = 150°C35
50
Output Resistance (Segment Output)
0.6
0.8
%/
°C
Temperature Coefficient
ISOURCE
Output Source Current
VCC = 4.75V, VOUT = 1.75V, Tj = 150°C
−1
−2mA
(Digit Output)
ISOURCE
Output Source Current
VCC = 5V, VOUT = 0V, Tj = 25°C
−1.75
−3.3
mA
(Carry-Out)
ISINK
Output Sink Current
VCC = 5V, VOUT = VCC, Tj = 25°C
1.75
3.6
mA
(All Outputs)
θ
jA
Thermal Resistance
MM74C925:
(Note 2)
75
100
°C/W
MM74C926
70
90
°C/W


Similar Part No. - MM74C926N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C926N FAIRCHILD-MM74C926N Datasheet
97Kb / 9P
   4-Digit Counters with Multiplexed
More results

Similar Description - MM74C926N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C925 FAIRCHILD-MM74C925 Datasheet
97Kb / 9P
   4-Digit Counters with Multiplexed
logo
Micro Electronics
MMC22926 MICRO-ELECTRONICS-MMC22926 Datasheet
157Kb / 5P
   4 DIGIT COUNTERS WITH MULTIPLEXED 7 SEGMENT OUTPUT DRIVERS
logo
National Semiconductor ...
MM74C925 NSC-MM74C925 Datasheet
204Kb / 8P
   4-Digit Counters with Multiplexed 7-Segment Output Drivers
ADD3701 NSC-ADD3701 Datasheet
297Kb / 10P
   3 3/4 DIGIT DVM WITH MULTIPLEXED 7-SEGMENT OUTPUT
logo
Texas Instruments
SN74LS693 TI-SN74LS693 Datasheet
532Kb / 11P
[Old version datasheet]   SYNCHRONOUS COUNTERS WITH OUTPUT REGISTERS AND MULTIPLEXED 3-STATE OUTPUTS
SN54LS696 TI1-SN54LS696_09 Datasheet
487Kb / 13P
[Old version datasheet]   SYNCHRONOUS UP/DOWN COUNTERS WITH OUTPUT REGISTERS AMD MULTIPLEXED 3-STATE OUTPUTS
logo
Maxim Integrated Produc...
ICL7135 MAXIM-ICL7135 Datasheet
624Kb / 12P
   4쩍 Digit A/D Converter with Multiplexed BCD Outputs
19-5041; Rev 0; 1987
logo
Texas Instruments
SN54LS696 TI-SN54LS696 Datasheet
274Kb / 11P
[Old version datasheet]   SYNCHRONOUS UP/DOWN COUNTERS WITH OUTPUT REGISTERS AMD MULTIPLEXED 3-STATE OUTPUTS
SN74LS698 TI-SN74LS698 Datasheet
565Kb / 10P
[Old version datasheet]   SYNCHRONOUS UP/DOWN COUNTERS WITH OUTPUT REGISTERS AND MULTIPLEXED 3-STATE OUTPUTS
logo
National Semiconductor ...
ADD3501 NSC-ADD3501 Datasheet
276Kb / 9P
   3 1/2 DIGIT DVM WITH MULTIPLEXED 7-SEGMENT OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com