Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74HC00 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MM74HC00
Description  Quad 2-Input NAND Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC00 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MM74HC00_05 Datasheet HTML 1Page - Fairchild Semiconductor MM74HC00_05 Datasheet HTML 2Page - Fairchild Semiconductor MM74HC00_05 Datasheet HTML 3Page - Fairchild Semiconductor MM74HC00_05 Datasheet HTML 4Page - Fairchild Semiconductor MM74HC00_05 Datasheet HTML 5Page - Fairchild Semiconductor MM74HC00_05 Datasheet HTML 6Page - Fairchild Semiconductor MM74HC00_05 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
VCC = 5V, TA = 25°C, CL = 15 pF, tr = tf = 6 ns
AC Electrical Characteristics
VCC = 2.0V to 6.0V, CL = 50 pF, tr = tf = 6 ns (unless otherwise specified)
Note 5: CPD determines the no load dynamic power consumption, PD = CPD VCC
2 f
+ I
CC VCC, and the no load dynamic current consumption,
IS = CPD VCC f + ICC.
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
tPHL, tPLH
Maximum Propagation
8
15
ns
Delay
Symbol
Parameter
Conditions
VCC
TA = 25°CTA = −40 to 85°CTA = −55 to 125°C
Units
Typ
Guaranteed Limits
tPHL, tPLH Maximum Propagation
2.0V
45
90
113
134
ns
Delay
4.5V
9
18
23
27
ns
6.0V
8
15
19
23
ns
tTLH, tTHL Maximum Output Rise
2.0V
30
75
95
110
ns
and Fall Time
4.5V
8
15
19
22
ns
6.0V
7
13
16
19
ns
CPD
Power Dissipation
(per gate)
20
pF
Capacitance (Note 5)
CIN
Maximum Input
5
10
10
10
pF
Capacitance


Similar Part No. - MM74HC00_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC00M FAIRCHILD-MM74HC00M Datasheet
79Kb / 6P
   Quad 2-Input NAND Gate
logo
ON Semiconductor
MM74HC00M ONSEMI-MM74HC00M Datasheet
316Kb / 9P
   Quad 2-Input NAND Gate
February 2008 Rev. 1.3.0
logo
Fairchild Semiconductor
MM74HC00MTC FAIRCHILD-MM74HC00MTC Datasheet
79Kb / 6P
   Quad 2-Input NAND Gate
logo
ON Semiconductor
MM74HC00MTC ONSEMI-MM74HC00MTC Datasheet
316Kb / 9P
   Quad 2-Input NAND Gate
February 2008 Rev. 1.3.0
logo
Fairchild Semiconductor
MM74HC00N FAIRCHILD-MM74HC00N Datasheet
79Kb / 6P
   Quad 2-Input NAND Gate
More results

Similar Description - MM74HC00_05

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com