Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA84C222 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA84C222
Description  8-bit microcontrollers for remote control transmitters
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA84C222 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA84C222 Datasheet HTML 3Page - NXP Semiconductors PCA84C222 Datasheet HTML 4Page - NXP Semiconductors PCA84C222 Datasheet HTML 5Page - NXP Semiconductors PCA84C222 Datasheet HTML 6Page - NXP Semiconductors PCA84C222 Datasheet HTML 7Page - NXP Semiconductors PCA84C222 Datasheet HTML 8Page - NXP Semiconductors PCA84C222 Datasheet HTML 9Page - NXP Semiconductors PCA84C222 Datasheet HTML 10Page - NXP Semiconductors PCA84C222 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
1995 May 01
7
Philips Semiconductors
Product specification
8-bit microcontrollers for
remote control transmitters
PCA84C122; 222; 422; 622; 822
6.2
Pin description
Table 1
Pin description for PCA84CX22AP, PCA84CX22AT, PCA84CX22BP, PCA84CX22BT and PCA84CX22CT
7
POWER-ON-RESET STATUS AND PORT OPTIONS
• All Port lines are standard I/O (option 1).
• RESET (Power-on-reset) level of 1.3 V.
After Power-on-reset, Port 0 is reset to LOW; Port 1, Port 2 and OUT are reset to HIGH.
SYMBOL
PIN
DESCRIPTION
SDIP24/SO24
(see Fig.3)
SO28
(see Fig.4)
SO20
(see Fig.5)
DIP20
(see Fig.6)
P00 to P07
3, 2, 23, 22,
10, 11, 14, 15
4, 3, 26, 25,
11, 12, 17, 18
2, 1, 20, 19, 9,
10, 11, 12
7, 6, 5, 4, 14,
15, 16, 17
standard I/O Port lines, generally
used for keypad scanning
P10 to P17
19, 18, 17, 16,
1, 22, 12, 13
22, 21, 20,19,
2, 27, 13, 16
16, 15, 14, 13
1, 20,19, 18
standard I/O Port lines, generally
used for keypad sensing
P20 to P23
14, 15, 1, 28
−−
standard I/O Port lines, generally
used for visible LED’s
T0/INT
4538
test T0 and external interrupt input
T1
5649
test T1 input
RESET
67510
active HIGH reset;
normally connected to VSS.
For further information see
PCF84CXXXA description in
“Data Handbook IC14”.
XTAL1
9
10
8
13
crystal or ceramic resonator
XTAL2
89712
OUT
21
24
18
3
pulse train output pin, capable of
sinking 27 mA
VDD
78611
power supply
VSS
20
23
17
2
ground


Similar Part No. - PCA84C222

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA84C440 PHILIPS-PCA84C440 Datasheet
236Kb / 40P
   8-bit microcontrollers with OSD and VST
1996 Nov 29
PCA84C441 PHILIPS-PCA84C441 Datasheet
236Kb / 40P
   8-bit microcontrollers with OSD and VST
1996 Nov 29
PCA84C443 PHILIPS-PCA84C443 Datasheet
236Kb / 40P
   8-bit microcontrollers with OSD and VST
1996 Nov 29
PCA84C444 PHILIPS-PCA84C444 Datasheet
236Kb / 40P
   8-bit microcontrollers with OSD and VST
1996 Nov 29
PCA84C640 PHILIPS-PCA84C640 Datasheet
236Kb / 40P
   8-bit microcontrollers with OSD and VST
1996 Nov 29
More results

Similar Description - PCA84C222

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
YKP1568VG5 INTEGRAL-YKP1568VG5 Datasheet
145Kb / 2P
   8 - BIT MICROCONTROLLER FOR REMOTE CONTROL TRANSMITTERS
logo
NEC
UPD17240 NEC-UPD17240 Datasheet
668Kb / 102P
   4-BIT SINGLE-CHIP MICROCONTROLLERS FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTERS
logo
Princeton Technology Co...
PT2461 PTC-PT2461 Datasheet
427Kb / 5P
   Infrared Remote Control Transmitters
logo
Mitsubishi Electric Sem...
M58480P MITSUBISHI-M58480P Datasheet
241Kb / 4P
   30-FUNCTION REMOTE-CONTROL TRANSMITTERS
M34280M1 MITSUBISHI-M34280M1 Datasheet
508Kb / 47P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
M5848OP MITSUBISHI-M5848OP Datasheet
247Kb / 4P
   30-Function Remote-control Transmitters
logo
Renesas Technology Corp
4280 RENESAS-4280 Datasheet
627Kb / 48P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
logo
STMicroelectronics
AN4099 STMICROELECTRONICS-AN4099 Datasheet
526Kb / 39P
   Implementing transmitters and receivers for infrared remote control protocols using STM32F0xx and STM32F3xx microcontrollers
logo
Renesas Technology Corp
PD64A RENESAS-PD64A_15 Datasheet
417Kb / 66P
   4-BIT SINGLE-CHIP MICROCONTROLLERS FOR INFRARED REMOTE CONTROL TRANSMISSION
logo
Murata Manufacturing Co...
RO3118E MURATA-RO3118E Datasheet
226Kb / 2P
   Ideal for 318 MHz Remote Control and Security Transmitters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com