Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDM-R1 Datasheet(PDF) 2 Page - Zoran Corporation

Part # HDM-R1
Description  HDMI Receiver IP Core
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZORAN [Zoran Corporation]
Direct Link  http://www.csr.com/
Logo ZORAN - Zoran Corporation

HDM-R1 Datasheet(HTML) 2 Page - Zoran Corporation

  HDM-R1 Datasheet HTML 1Page - Zoran Corporation HDM-R1 Datasheet HTML 2Page - Zoran Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Brief
Driving the Digital Lifestyle
Driving the Digital Lifestyle
For more information, contact Zoran's Sunnyvale office or the office nearest you:
HDM-R1
HDMI Receiver IP Core
02/06 - IN
HDMR1
© Copyright 2006 Zoran Corporation. All rights reserved. Zoran, the Zoran logo and HDM-R1 are trademarks of Zoran Corporation. All other brand product names and company names are trademarks of their respective
owners. The information in this document is believed to be reliable. However, Zoran Corporation makes no guarantee or warranty concerning the accuracy of said information and shall not be responsible for any loss or
damage of whatever nature resulting from the use of, or reliance upon it. Zoran Corporation does not guarantee that the use of any information contained herein will not infringe upon patent, trademark, copyright, or rights of
third parties. Zoran Corporation reserves the right to make changes in the product and/or specifications, or both, presented in this publication at any time without notice.
HDM-R1 Block Diagram
PHY
TMDS
Decoder
LINK
Register
File
HDCP
RAM
INFO -
PAGE_A
RAM
INFO -
PAGE_B
RAM
RAM Interface
Configuration
and Control
External Ram
Host Controller Data/Addr/Ctrl
and Clk/Reset
rst
video
clk
ch0
ch1
ch2
clk
LINK and PHY Core
TERC4
Decoder
Double
Buffers
packets
HDCP
Audio
Frame
Test
Generator
Data Island
Decoder
Audio
Buffer
Audio
Mute
Video
Path
Video
Convert
Video
Timing
Control
FSM
Audio
Clock
Generator
Infoframe
Decoder
audio
video
Shanghai, China
Zoran China Office
Tel: 86-21-6469-9799
Fax: 86-21-6427-0545
Shenzhen, China
Zoran China Office
Tel: 86-755-8281-5777
Fax: 86-755-8322-0889
Hong Kong
Zoran Asia Pacific Ltd.
Tel: +852-2620-5838
Fax: +852-2620-5238
Israel
Zoran Microelectronics Ltd.
Tel: +972-4-8545-777
Fax: +972-4-8551-550
Japan
Zoran Japan Office
Tel: +81-3-5475-1051
Fax: +81-3-5475-1053
Korea
Zoran Korea Office
Tel: +82-2-761-7471
Fax: +82-2-761-7472
Taiwan
Zoran Taiwan Office
Te l : +886-2-2659-9797
Fax: +886-2-2659-9595


Similar Part No. - HDM-R1

ManufacturerPart #DatasheetDescription
logo
Lanner All Rights Reser...
HDM-1006 LANNER-HDM-1006 Datasheet
362Kb / 1P
   1U Storage Blade with 6x NVMe SSD Trays for HTCA-6000 Series
V1-2022,8,19
HDM-1006A LANNER-HDM-1006A Datasheet
362Kb / 1P
   1U Storage Blade with 6x NVMe SSD Trays for HTCA-6000 Series
V1-2022,8,19
logo
Zoran Corporation
HDM-T1 ZORAN-HDM-T1 Datasheet
261Kb / 2P
   HDMI Transmitter IP Core
More results

Similar Description - HDM-R1

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
HDM-T1 ZORAN-HDM-T1 Datasheet
261Kb / 2P
   HDMI Transmitter IP Core
logo
Level One
HVE-6501 LVL1-HVE-6501 Datasheet
361Kb / 4P
   HDMI over IP PoE Transmitter/Receiver
HVE-6501T LVL1-HVE-6501T Datasheet
361Kb / 4P
   HDMI over IP PoE Transmitter/Receiver
HVE-6601 LVL1-HVE-6601 Datasheet
1Mb / 4P
   HDMI Video Wall over IP PoE Transmitter / Receiver
logo
Silicon image
SII9033 SILICONIMAGE-SII9033 Datasheet
314Kb / 2P
   HDMI Receiver
SII9023 SILICONIMAGE-SII9023 Datasheet
310Kb / 2P
   HDMI Receiver
logo
Logic Fruit Technologie...
ARINC-429 LFTECH-ARINC-429 Datasheet
609Kb / 4P
   ARINC 429 IP CORE
ARINC-818-IP LFTECH-ARINC-818-IP Datasheet
728Kb / 7P
   ARINC 818 IP CORE
logo
THOR communications
H-HDMI-IP THOR-H-HDMI-IP Datasheet
95Kb / 1P
   Typical H-HDMI-IP Application
logo
Zoran Corporation
SCALER-1 ZORAN-SCALER-1 Datasheet
134Kb / 1P
   Video Scaler IP Core
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com