Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZR391055 Datasheet(PDF) 2 Page - Zoran Corporation

Part # ZR391055
Description  Integrated DTV System On a Chip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZORAN [Zoran Corporation]
Direct Link  http://www.csr.com/
Logo ZORAN - Zoran Corporation

ZR391055 Datasheet(HTML) 2 Page - Zoran Corporation

  ZR391055 Datasheet HTML 1Page - Zoran Corporation ZR391055 Datasheet HTML 2Page - Zoran Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
11/05 - IN
ZR391055
Generation9
®-Elite
Integrated DTV System On a Chip
Product Brief
Driving the Digital Lifestyle
Driving the Digital Lifestyle
© Copyright 2005 Zoran Corporation. All rights reserved. Zoran, the Zoran logo, and Generation 9-Elite are trademarks of Zoran Corporation. All other brand product names and company names are trademarks of their
respective owners. The information in this document is believed to be reliable, however, Zoran Corporation makes no guarantee or warranty concerning the accuracy of said information and shall not be responsible for any
loss or damage of whatever nature resulting from the use of, or reliance upon it. Zoran Corporation does not guarantee that the use of any information contained herein will not infringe upon patent, trademark, copyright, or
rights of third parties. Zoran Corporation reserves the right to make changes in the product and/or specifications, or both, presented in this publication at any time without notice.
For more information, contact Zoran's Sunnyvale office or the office nearest you:
Generation9®
Elite
• A Global System Architecture provides a programmable system
that supports multiple international standards including European
DVB, US ATSC, US Cable CableCARD, the Japanese ARIB
standard, and proprietary standards such as NDS ICAM.
• Generation9-Elite ICs incorporate AES encryption/decryption
to/from the HDD or any other system I/O interface to protect any
digital content.
Access to World Markets
• Due to the flexible architecture and worldwide conditional access
capabilities, a single hardware design can be retargeted at
multiple world markets.
• A core design built around this architecture provides access to
enhanced features such as PVR, additional broadcast reception
types, PIP, POP and Dual Display STBs (e.g. sharing a single
PVR HDD). OEMs can build a simple A/V system for time-to-mar-
ket and enhance it quickly with additional market enabling
features.
Facilitates Modular and Expandable Systems
• Dual MIPS 32-Bit CPUs provide industry leading levels of both
system and application support
• Cost-effective integration is achieved through the use of multiple
optimized micro-controllers as well as an advanced proprietary
floating point DSP and an industry standard CPU
• A Media DSP for real-time media processing separate from the
Application CPU, rendering it Ideal for audio and enabled for
Streaming Media
• The specialized Video Signal Processor (VSP) enables user
defined features including motion adaptive de-interlacing
algorithms, reverse 3:2 pulldown techniques, and film mode
detection. Custom algorithms can be running in significantly less
time than it would take to implement in hardware
• The Texture Processor Engine (TEX/Warp) provides TV centric
graphics effects and ARIB acceleration not available to other
architectures. Implement 3D TV effects without the cost of a 3D
graphics engine as both graphics and video can be treated as
user interface objects
• The Flexi-Port Multi-Channel I/O function meets the requirements
of the most demanding DTV, PVR and STB architectures by
providing true Orthogonality with different input and output
formats including; Serial or Parallel TS, Multi BT.656 and DVI In or
Out.
Flexible Integration
PostScript Picture
( ZORAN original logo eps)
Export Classification Control Number (ECCN): 5A992
Shanghai, China
Zoran China Office
Tel: 86-21-6469-9799
Fax: 86-21-6427-0545
Shenzhen, China
Zoran China Office
Tel: 86-755-8281-5777
Fax: 86-755-8322-0889
Hong Kong
Zoran Asia Pacific Ltd.
Tel: +852-2620-5838
Fax: +852-2620-5238
Israel
Zoran Microelectronics Ltd.
Te l : +972-4-8545-777
Fax: +972-4-8551-550
Japan
Zoran Japan Office
Te l : +81-3-5475-1051
Fax: +81-3-5475-1053
Korea
Zoran Korea Office
Tel: +82-2-761-7471
Fax: +82-2-761-7472
Taiwan
Zoran Taiwan Office
Te l : +886-2-2659-9797
Fax: +886-2-2659-9595


Similar Part No. - ZR391055

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
ZR39140 ZORAN-ZR39140 Datasheet
130Kb / 2P
   INTEGRATED DIGITAL TV PROCESSORS
ZR39150 ZORAN-ZR39150 Datasheet
130Kb / 2P
   INTEGRATED DIGITAL TV PROCESSORS
ZR39151 ZORAN-ZR39151 Datasheet
130Kb / 2P
   INTEGRATED DIGITAL TV PROCESSORS
ZR39152 ZORAN-ZR39152 Datasheet
130Kb / 2P
   INTEGRATED DIGITAL TV PROCESSORS
ZR39153 ZORAN-ZR39153 Datasheet
130Kb / 2P
   INTEGRATED DIGITAL TV PROCESSORS
More results

Similar Description - ZR391055

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PSB21553E INFINEON-PSB21553E Datasheet
198Kb / 2P
   VoIP System on a Chip
logo
Panasonic Semiconductor
AN34043AA PANASONIC-AN34043AA Datasheet
3Mb / 17P
   DTV System Power Supply
logo
Silicon Laboratories
EM34X-VREVK SILABS-EM34X-VREVK Datasheet
16Mb / 237P
   High-Performance, Integrated RF4CE System-on-Chip
EM342 SILABS-EM342 Datasheet
1Mb / 143P
   High-Performance, Integrated RF4CE System-on-Chip
EM341 SILABS-EM341 Datasheet
3Mb / 237P
   High-Performance, Integrated RF4CE System-on-Chip
logo
Freescale Semiconductor...
MC9S12UF32 FREESCALE-MC9S12UF32 Datasheet
1Mb / 128P
   System on a Chip Guide V01.05
logo
List of Unclassifed Man...
P-51 ETC1-P-51 Datasheet
487Kb / 4P
   Peripheral 8051 System on a Chip
logo
Holt Integrated Circuit...
HI-8582 HOLTIC-HI-8582_06 Datasheet
156Kb / 15P
   ARINC 429 System on a Chip
HI-8582 HOLTIC-HI-8582_13 Datasheet
236Kb / 16P
   ARINC 429 System on a Chip
logo
Cirrus Logic
CL-PS7111 CIRRUS-CL-PS7111 Datasheet
1Mb / 105P
   Low-Power System-on-a-Chip
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com