Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA3353C Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA3353C
Description  8-bit microcontrollers with DTMF generator and 128 bytes EEPROM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA3353C Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA3353C Datasheet HTML 1Page - NXP Semiconductors PCA3353C Datasheet HTML 2Page - NXP Semiconductors PCA3353C Datasheet HTML 3Page - NXP Semiconductors PCA3353C Datasheet HTML 4Page - NXP Semiconductors PCA3353C Datasheet HTML 5Page - NXP Semiconductors PCA3353C Datasheet HTML 6Page - NXP Semiconductors PCA3353C Datasheet HTML 7Page - NXP Semiconductors PCA3353C Datasheet HTML 8Page - NXP Semiconductors PCA3353C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
1999 Oct 28
4
Philips Semiconductors
Product specification
8-bit microcontrollers with DTMF generator
and 128 bytes EEPROM
PCA3351C; 52C; 53C;
PCD3351A; 52A; 53A
3
ORDERING INFORMATION
Note
1. The types:
a) PCA335xC denotes: PCA3351C, PCA3352C or PCA3353C.
b) PCD335xA denotes: PCD3351A, PCD3352A or PCD3353A.
TYPE
NUMBER(1)
PACKAGE
NAME
DESCRIPTION
VERSION
PCA335xCP
DIP28
plastic dual in-line package; 28 leads (600 mil)
SOT117-1
PCD335xAP
PCA335xCT
SO28
plastic small outline package; 28 leads; body width 7.5 mm
SOT136-1
PCD335xAT
PCA335xCH
LQFP32
plastic low profile quad flat package; 32 leads; body 7
× 7 × 1.4 mm
SOT358-1
PCD335xAH


Similar Part No. - PCA3353C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA3354C PHILIPS-PCA3354C Datasheet
221Kb / 32P
   8-bit microcontrollers with DTMF generator and 256 bytes EEPROM
1996 Dec 18
PCA3354CH PHILIPS-PCA3354CH Datasheet
221Kb / 32P
   8-bit microcontrollers with DTMF generator and 256 bytes EEPROM
1996 Dec 18
More results

Similar Description - PCA3353C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD3755A PHILIPS-PCD3755A Datasheet
200Kb / 32P
   8-bit microcontrollers with DTMF generator, 8 kbytes OTP and 128 bytes EEPROM
1997 Apr 16
PCA3354C PHILIPS-PCA3354C Datasheet
221Kb / 32P
   8-bit microcontrollers with DTMF generator and 256 bytes EEPROM
1996 Dec 18
PCD3359A PHILIPS-PCD3359A Datasheet
165Kb / 32P
   8-bit microcontroller with DTMF generator and 128 bytes EEPROM
1998 May 11
PCD3350A PHILIPS-PCD3350A Datasheet
204Kb / 36P
   8-bit microcontroller with DTMF generator, 256 bytes EEPROM and real-time clock
1996 Dec 18
PCD3349A PHILIPS-PCD3349A Datasheet
141Kb / 20P
   8-bit microcontroller with DTMF generator
1998 May 11
PCD3344A PHILIPS-PCD3344A Datasheet
1Mb / 17P
   8-BIT MICROCONTROLLER WITH DTMF GENERATOR
1996 May 09
logo
National Semiconductor ...
COP8SE NSC-COP8SE Datasheet
491Kb / 47P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 4k Memory and 128 Bytes EERAM
logo
ATMEL Corporation
AT89S8253 ATMEL-AT89S8253_08 Datasheet
1Mb / 59P
   8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89S8253 ATMEL-AT89S8253 Datasheet
961Kb / 59P
   8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89S8253 ATMEL-AT89S8253_07 Datasheet
759Kb / 56P
   8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com