Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS3486BDRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN65LVDS3486BDRG4
Description  HIGH-SPEED DIFFERENTIAL RECEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS3486BDRG4 Datasheet(HTML) 3 Page - Texas Instruments

  SN65LVDS3486BDRG4 Datasheet HTML 1Page - Texas Instruments SN65LVDS3486BDRG4 Datasheet HTML 2Page - Texas Instruments SN65LVDS3486BDRG4 Datasheet HTML 3Page - Texas Instruments SN65LVDS3486BDRG4 Datasheet HTML 4Page - Texas Instruments SN65LVDS3486BDRG4 Datasheet HTML 5Page - Texas Instruments SN65LVDS3486BDRG4 Datasheet HTML 6Page - Texas Instruments SN65LVDS3486BDRG4 Datasheet HTML 7Page - Texas Instruments SN65LVDS3486BDRG4 Datasheet HTML 8Page - Texas Instruments SN65LVDS3486BDRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
www.ti.com
FUNCTION TABLES
SN65LVDS32B,, SN65LVDT32B
SN65LVDS3486B, SN65LVDT3486B
SN65LVDS9637B, SN65LVDT9637B
SLLS440B – OCTOBER 2000 – REVISED APRIL 2007
SN65LVDS32B and SN65LVDT32B
DIFFERENTIAL INPUT
ENABLES(1)
OUTPUT(1)
A-B
G
G
Y
H
X
H
VID ≥ –32 mV
X
L
H
H
X
?
–100 mV < VID ≤ –32 mV
X
L
?
H
X
L
VID ≤ –100 mV
X
L
L
X
L
H
Z
H
X
H
Open
X
L
H
(1)
H = high level, L = low level, X = irrelevant, Z = high impedance (off), ? = indeterminate
SN65LVDS3486B and SN65LVDT3486B
DIFFERENTIAL INPUT
ENABLES(1)
OUTPUT(1)
A-B
EN
Y
VID ≥ –32 mV
H
H
–100 mV < VID ≤ –32 mV
H
?
VID ≤ –100 mV
H
L
X
L
Z
Open
H
H
(1)
H = high level, L = low level, X = irrelevant, Z = high impedance (off), ? = indeterminate
SN65LVDS9637B and SN65LVDT9637B
DIFFERENTIAL INPUT
OUTPUT(1)
A-B
Y
VID≥ -32 mV
H
–100 mV < VID≤ -32 mV
?
VID≤ -100 mV
L
Open
H
(1)
H = high level, L = low level, ? = indeterminate
3
Submit Documentation Feedback


Similar Part No. - SN65LVDS3486BDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS3486BDR TI-SN65LVDS3486BDR Datasheet
294Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
More results

Similar Description - SN65LVDS3486BDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS32A TI-SN65LVDS32A_1 Datasheet
233Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32B TI-SN65LVDS32B Datasheet
294Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33 TI-SN65LVDS33_07 Datasheet
530Kb / 23P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32A TI-SN65LVDS32A Datasheet
191Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33 TI-SN65LVDS33 Datasheet
419Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL RECEIVERS
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS348 TI-SN65LVDS348 Datasheet
310Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDT352 TI-SN65LVDT352 Datasheet
306Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com