Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9557701NXD Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9557701NXD
Description  36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5962-9557701NXD Datasheet(HTML) 5 Page - Texas Instruments

  5962-9557701NXD Datasheet HTML 1Page - Texas Instruments 5962-9557701NXD Datasheet HTML 2Page - Texas Instruments 5962-9557701NXD Datasheet HTML 3Page - Texas Instruments 5962-9557701NXD Datasheet HTML 4Page - Texas Instruments 5962-9557701NXD Datasheet HTML 5Page - Texas Instruments 5962-9557701NXD Datasheet HTML 6Page - Texas Instruments 5962-9557701NXD Datasheet HTML 7Page - Texas Instruments 5962-9557701NXD Datasheet HTML 8Page - Texas Instruments 5962-9557701NXD Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SN54ABTH32245, SN74ABTH32245
36-BIT BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS228G – JUNE 1992 – REVISED MAY 1997
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ABTH32245
SN74ABTH32245
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
V
VCC = 4.5 V,
IOH = –3 mA
2.5
2.5
VOH
VCC = 5 V,
IOH = –3 mA
3
3
V
VOH
VCC =4 5V
IOH = –24 mA
2
V
VCC = 4.5 V
IOH = –32 mA
2
VOL
VCC =4 5V
IOL = 48 mA
0.55
0.55
V
VOL
VCC = 4.5 V
IOL = 64 mA
0.55
V
Vhys
100
100
mV
Control inputs
VCC = 0 to 5.5 V,
VI = VCC or GND
±1
µA
II
A or B ports
VCC = 2.1 V to 5.5 V,
VI = VCC or GND
±20
µA
II
Control inputs
VCC =5 5V
VI =VCC or GND
±1
µA
A or B ports
VCC = 5.5 V,
VI = VCC or GND
±20
µA
II(h ld) AorB ports
VCC =4 5V
VI = 0.8 V
100
100
µA
II(hold) A or B ports
VCC = 4.5 V
VI = 2 V
–100
–100
µA
IOZPU‡
VCC = 0 to 2.1 V, VO = 0.5 V to 2.7 V, OE = X
±50
±50
µA
IOZPD‡
VCC = 2.1 V to 0, VO = 0.5 V to 2.7 V, OE = X
±50
±50
µA
Ioff
VCC = 0,
VI or VO ≤ 4.5 V
±100
µA
ICEX
VCC = 5.5 V, VO = 5.5 V
Outputs high
50
50
µA
IO§
VCC = 5.5 V,
VO = 2.5 V
–50
–100
–180
–50
–100
–180
mA
VCC = 5.5 V,
Outputs high
3
3
ICC
VCC = 5.5 V,
IO = 0,
Outputs low
20
20
mA
VI = VCC or GND
Outputs disabled
2
2
∆ICC¶
VCC = 5.5 V, One input at 3.4 V,
Other inputs at VCC or GND
1
1
mA
Ci
Control inputs
VI = 2.5 V or 0.5 V
3.5
3.5
pF
Cio
A or B ports
VO = 2.5 V or 0.5 V
9.5
9.5
pF
† All typical values are at VCC = 5 V, TA = 25°C.
‡ This parameter is specified by characterization.
§ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
¶ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C#
SN54ABTH32245
SN74ABTH32245
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
AorB
BorA
1.7
3.2
4.4
1
5.3
1.7
5
ns
tPHL
A or B
B or A
1.7
3.3
4.6
1
5.3
1.7
5.2
ns
tPZH
OE
BorA
1.6
4.2
6.1
1
7.6
1.6
7.3
ns
tPZL
OE
B or A
2.7
5.2
7
1.5
8.2
2.7
8.1
ns
tPHZ
OE
BorA
1.3
3.9
6.1
0.8
6.7
1.3
6.5
ns
tPLZ
OE
B or A
2
4.4
6.6
1
7.2
2
6.9
ns
# These limits apply only to the SN74ABTH32245


Similar Part No. - 5962-9557701NXD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9557701NXD TI-5962-9557701NXD Datasheet
168Kb / 9P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 5962-9557701NXD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT32245 TI-SN54ABT32245 Datasheet
133Kb / 8P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT32245 TI1-SN54ABT32245_08 Datasheet
145Kb / 8P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32245 TI-SN54ABTH32245 Datasheet
168Kb / 9P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32501 TI-SN54ABTH32501 Datasheet
135Kb / 9P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32543 TI-SN54ABTH32543 Datasheet
135Kb / 9P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32501 TI-SN54ABTH32501_06 Datasheet
182Kb / 11P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT32543 TI1-SN54ABT32543 Datasheet
159Kb / 9P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32543 TI1-SN54ABTH32543_08 Datasheet
201Kb / 11P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT32501 TI1-SN54ABT32501 Datasheet
149Kb / 8P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com