Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS303ZQER Datasheet(PDF) 7 Page - Texas Instruments

Part # SN65LVDS303ZQER
Description  PROGRAMMABLE 27-BIT DISPLAY SERIAL-INTERFACE TRANSMITTER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS303ZQER Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LVDS303ZQER Datasheet HTML 3Page - Texas Instruments SN65LVDS303ZQER Datasheet HTML 4Page - Texas Instruments SN65LVDS303ZQER Datasheet HTML 5Page - Texas Instruments SN65LVDS303ZQER Datasheet HTML 6Page - Texas Instruments SN65LVDS303ZQER Datasheet HTML 7Page - Texas Instruments SN65LVDS303ZQER Datasheet HTML 8Page - Texas Instruments SN65LVDS303ZQER Datasheet HTML 9Page - Texas Instruments SN65LVDS303ZQER Datasheet HTML 10Page - Texas Instruments SN65LVDS303ZQER Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
www.ti.com
FUNCTIONAL DESCRIPTION
Serialization Modes
1-Channel Mode
D0+/– CHANNEL
CLK+
B7 B6
R7 R6 R5 R4 R3 R2 R1 R0 G7 G6 G5 G4 G3 G2 G1 G0
B5 B4 B3 B2 B1 B0 VS HS DE
0
0
CP R7 R6
CP
0
0
CLK–
2-Channel Mode
R7 R6 R5 R4 R3 R2 R1 R0 G7 G6 G5 G4 VS
0
CP
0
B7 B6
G3 G2 G1 G0
B5 B4 B3 B2 B1 B0 HS DE
0
CP
R7 R6
G3 G2
CLK+
CLK–
D0+/– Channel
D1+/– Channel
Power-Down Modes
Shutdown Mode
SN65LVDS303
SLLS743A – JULY 2006 – REVISED JANUARY 2007
The SN65LVDS303 transmitter has two modes of operation controlled by link-select terminal LS. Table 3 shows
the serializer modes of operation.
Table 3. Logic Table: Link Select Operating Modes
LS
Mode of Operation
Data Links Status
0
1-channel mode, 1ChM (30-bit serialization rate)
D0 active; D1 high-impedance
1
2-channel mode, 2ChM (15-bit serialization rate)
D0, D1 active
While LS is held low, the SN65LVDS303 transmits payload data over a single SubLVDS data pair, D0. The PLL
locks to PCLK and internally multiplies the clock by a factor of 30. The internal high-speed clock is used to
serialize (shift out) the data payload on D0. Two reserved bits and the parity bit are added to the data frame.
Figure 3 illustrates the timing and the mapping of the data payload into the 30-bit frame. The internal high-speed
clock is divided by a factor of 30 to recreate the pixel clock, and presented on the SubLVDS CLK output. While
in this mode, the PLL can lock to a clock that is in the range of 4 MHz through 15 MHz. This mode is intended
for smaller video display formats (e.g. QVGA to HVGA) that do not require the full bandwidth capabilities of the
SN65LVDS303.
Figure 3. Data and Clock Output in 1-Channel Mode (LS = Low).
While LS is held high, the SN65LVDS303 transmits payload data over two SubLVDS data pairs, D0 and D1. The
PLL locks to PCLK and internally multiplies it by a factor of 15. The internal high-speed clock is used to serialize
the data payload on D0 and D1. Two reserved bits and the parity bit are added to the data frame. Figure 4
illustrates the timing and the mapping of the data payload into the 30-bit frame and how the frame becomes split
into the two output channels. The internal high-speed clock is divided by 15 to recreate the pixel clock and
presented on SubLVDS CLK. The PLL can lock to a clock that is in the range of 8 MHz through 30 MHz in this
mode. Typical applications for using the 2-channel mode are HVGA and VGA displays.
Figure 4. Data and Clock Output in 2-Channel Mode (LS = High).
The SN65LVDS303 transmitter has two power-down modes to facilitate efficient power management.
The SN65LVDS303 enters shutdown mode when the TXEN terminal is asserted low. This turns off all
transmitter circuitry, including the CMOS input, PLL, serializer, and SubLVDS transmitter output stage. All
outputs are high-impedance. Current consumption in shutdown mode is nearly zero.
7
Submit Documentation Feedback


Similar Part No. - SN65LVDS303ZQER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS301 TI-SN65LVDS301 Datasheet
2Mb / 31P
[Old version datasheet]   PROGRAMMABLE 27-BIT DISPLAY SERIAL INTERFACE TRANSMITTER
SN65LVDS301 TI-SN65LVDS301 Datasheet
1Mb / 34P
[Old version datasheet]   PROGRAMMABLE 27-BIT DISPLAY SERIAL INTERFACE TRANSMITTER
SN65LVDS301 TI-SN65LVDS301 Datasheet
2Mb / 43P
[Old version datasheet]   SN65LVDS301 Programmable 27-Bit Parallel-to-Serial Transmitter
SN65LVDS301ZQE TI-SN65LVDS301ZQE Datasheet
2Mb / 31P
[Old version datasheet]   PROGRAMMABLE 27-BIT DISPLAY SERIAL INTERFACE TRANSMITTER
SN65LVDS301ZQE TI-SN65LVDS301ZQE Datasheet
1Mb / 34P
[Old version datasheet]   PROGRAMMABLE 27-BIT DISPLAY SERIAL INTERFACE TRANSMITTER
More results

Similar Description - SN65LVDS303ZQER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS305 TI-SN65LVDS305 Datasheet
712Kb / 25P
[Old version datasheet]   PROGRAMMABLE 27-BIT DISPLAY SERIAL INTERFACE TRANSMITTER
SN65LVDS311 TI1-SN65LVDS311 Datasheet
1Mb / 32P
[Old version datasheet]   PROGRAMMABLE 27-BIT DISPLAY SERIAL INTERFACE TRANSMITTER
SN65LVDS301 TI-SN65LVDS301 Datasheet
2Mb / 31P
[Old version datasheet]   PROGRAMMABLE 27-BIT DISPLAY SERIAL INTERFACE TRANSMITTER
SN65LVDS301 TI-SN65LVDS301_08 Datasheet
1Mb / 34P
[Old version datasheet]   PROGRAMMABLE 27-BIT DISPLAY SERIAL INTERFACE TRANSMITTER
SN65LVDS307 TI-SN65LVDS307 Datasheet
663Kb / 29P
[Old version datasheet]   PROGRAMMABLE 27-BIT PARALLEL-TO-SERIAL TRANSMITTER
SN65LVDS301 TI-SN65LVDS301_V01 Datasheet
2Mb / 43P
[Old version datasheet]   SN65LVDS301 Programmable 27-Bit Parallel-to-Serial Transmitter
SN65LVDS304 TI-SN65LVDS304 Datasheet
1Mb / 38P
[Old version datasheet]   PROGRAMMABLE 27-BIT PARALLEL-TO-SERIAL RECEIVER
SN65LVDS308 TI-SN65LVDS308 Datasheet
1Mb / 37P
[Old version datasheet]   PROGRAMMABLE 27-BIT PARALLEL-TO-SERIAL RECEIVER
SN65LVDS306 TI-SN65LVDS306 Datasheet
1Mb / 31P
[Old version datasheet]   PROGRAMMABLE 27-BIT SERIAL-TO-PARALLEL RECEIVER
SN65LVDS302 TI-SN65LVDS302_07 Datasheet
1Mb / 41P
[Old version datasheet]   PROGRAMMABLE 27-BIT SERIAL-TO-PARALLEL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com