Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAZ20000-SB Datasheet(PDF) 1 Page - LEM

Part # HAZ20000-SB
Description  Current Transducers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HAZ20000-SB Datasheet(HTML) 1 Page - LEM

  HAZ20000-SB Datasheet HTML 1Page - LEM HAZ20000-SB Datasheet HTML 2Page - LEM HAZ20000-SB Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Electrical data
Primary nominal
Primary current
Type
RoHS since
DC current or AC peak
measuring range
date code
I
PN (A)
I
PM (A)
4000
± 4000
HAZ 4000-SB
46177
6000
± 6000
HAZ 6000-SB
46177
10000
± 10000
HAZ 10000-SB
46177
12000
± 12000
HAZ 12000-SB
planned
14000
± 14000
HAZ 14000-SB
planned
20000
± 20000
HAZ 20000-SB
planned
V
C
Supply voltage (± 5 %)
± 15
V
I
C
Current consumption
± 30
mA
Î
P
Overload capability
30,000
A
R
IS
Isolation resistance @ 500 VDC
> 1000
M
V
OUT
Output voltage (Analog) @ ± I
PN, RL = 10 kΩ, TA = 25°C
± 10
V
R
OUT
Output internal resistance
approx.100
R
L
Load resistance
> 10
k
Accuracy - Dynamic performance data
X
Accuracy @ I
PN, TA = 25°C (excluding offset)
< ± 1
%
ε
L
Linearity error 1) (0 .. ± I
PN)
< ± 0.5 % of I
PN
V
OE
Electrical offset voltage @ T
A = 25°C, IP = 0
< ± 50
mV
V
OH
Hysteresis offset voltage @ I
P = 0;
after an excursion of 1 x I
PN
< ± 12.5
mV
TCV
OE
Temperature coefficient of V
OE
< ± 1
mV/K
TCV
OUT
Temperature coefficient of V
OUT (% of reading)
< ± 0.05
%/K
t
r
Response time to 90% of I
PN step
< 10
µs
t
ra
Reaction time @ 10% of I
PN
< 2
us
di/dt
di/dt accurately followed
> 50
A/
µs
BW
Frequency bandwidth, ± 3 dB, small signal 2)
DC .. 3
kHz
General data
T
A
Ambient operating temperature
- 25 .. + 85
°C
T
S
Ambient storage temperature
- 30 .. + 90
°C
Housing PBT 30% glassfiber
m
Mass
approx. 6
kg
Standard 3)
EN 50178:1997
Current Transducers HAZ 4000..20000-SB
For the electronic measurement of currents: DC, AC, pulsed, mixed,
with a galvanic isolation between the primary circuit (high power) and
the secondary circuit (electronic circuit).
I
PN
= 4000..20000 A
V
OUT= ± 10 V
Features
Hall effect measuring principle
Galvanic isolation between primary
and secondary circuit
Instantaneous voltage output
Isolation voltage 12kV Rms /50 Hz
/1min
Low power consumption
Package in PBT meeting UL 94-V0
Instantaneous voltage output
Advantages
Easy installation
Small size and space savings
Only one design for wide current
ratings range
High immunity against external
interference
Applications
Battery supplied applications
Uninterruptible Power Supplies
(UPS)
Power supplies for welding and
telecom applications.
Application domain
Industrial
Notes : 1) Linearity data exclude the electrical offset.
2) To avoid excessive core heating
3) Please consult characterisation report for more technical details and
application advice.
070219/8
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Page 1/3


Similar Part No. - HAZ20000-SB

ManufacturerPart #DatasheetDescription
logo
LEM
HAZ20000-SB LEM-HAZ20000-SB Datasheet
80Kb / 2P
   Current Transducers HAZ 4000~20000-SB
More results

Similar Description - HAZ20000-SB

ManufacturerPart #DatasheetDescription
logo
LEM
HY50P LEM-HY50P_12 Datasheet
321Kb / 2P
   Current Transducers
HAC100 LEM-HAC100 Datasheet
840Kb / 3P
   Current Transducers
HAZ4000-SRU LEM-HAZ4000-SRU Datasheet
250Kb / 3P
   Current Transducers
HAZ6000-SRI LEM-HAZ6000-SRI Datasheet
249Kb / 3P
   Current Transducers
HTB100-P LEM-HTB100-P_07 Datasheet
652Kb / 2P
   Current Transducers
HY5-P LEM-HY5-P_06 Datasheet
685Kb / 2P
   Current Transducers
HY50-P LEM-HY50-P_06 Datasheet
679Kb / 2P
   Current Transducers
CT0.1-P LEM-CT0.1-P Datasheet
892Kb / 3P
   Current Transducers
HTC1000-S LEM-HTC1000-S_07 Datasheet
554Kb / 2P
   Current Transducers
CT0.1-P LEM-CT0.1-P_08 Datasheet
941Kb / 3P
   Current Transducers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com