Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSC2982 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KSC2982
Description  NPN Epitaxial Silicon Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSC2982 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSC2982_05 Datasheet HTML 1Page - Fairchild Semiconductor KSC2982_05 Datasheet HTML 2Page - Fairchild Semiconductor KSC2982_05 Datasheet HTML 3Page - Fairchild Semiconductor KSC2982_05 Datasheet HTML 4Page - Fairchild Semiconductor KSC2982_05 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.fairchildsemi.com
KSC2982 Rev. B3
Electrical Characteristics T
a = 25°C unless otherwise noted
hFE Classification
Package Marking and Ordering Information
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCEO
Collector-Emitter Breakdown Voltage
IC = 10mA, IB = 0
10
V
BVEBO
Emitter-Base Breakdown Voltage
IE = 1mA, IC = 0
6
V
ICBO
Collector Cut-off Current
VCB = 30V, IE = 0
100
nA
IEBO
Emitter Cut-off Current
VBE = 6V, IC = 0
100
nA
hFE1
hFE2
DC Current Gain
VCE = 1V, IC = 0.5A
VCE = 1V, IC = 2A
140
70
140
600
VCE (sat)
Collector-Emitter Saturation Voltage
IC = 2A, IB = 50mA
0.2
0.5
V
VBE (on)
Base-Emitter On Voltage
VCE = 1V, IC = 2A
0.86
1.5
V
fT
Current Gain Bandwidth Product
VCE = 1V, IC = 2A
150
MHz
Cob
Output Capacitance
VCB = 10V, IE = 0, f = 1MHz
27
pF
Classification
A
B
C
D
hFE1
140 ~ 240
200 ~ 330
300 ~ 450
420 ~ 600
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
2982
KSC2982
SOT-89
13”
--
4,000


Similar Part No. - KSC2982_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC2982DTF FAIRCHILD-KSC2982DTF Datasheet
433Kb / 5P
   NPN Epitaxial Silicon Transistor
More results

Similar Description - KSC2982_05

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com