Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAC400-S Datasheet(PDF) 2 Page - LEM

Part # HAC400-S
Description  Current Transducers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HAC400-S Datasheet(HTML) 2 Page - LEM

  HAC400-S Datasheet HTML 1Page - LEM HAC400-S Datasheet HTML 2Page - LEM HAC400-S Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Current transducer HAC 100..800-S
Isolation characteristics
V
d
Rms voltage for AC isolation test, 50 Hz, 1 min
2.5 2)
kV
dCp
Creepage distance
> 5.5
mm
dCl
Clearance distance
> 5.5
mm
CTI
Comparative Tracking Index (Group IIIa)
> 220
Application examples
According to EN 50178 and CEI 61010-1 standards and following conditions :
· Over voltage category OV 3
· Pollution degree PD2
· Non-uniform field
Note :
2) Between primary and secondary
EN 50178
CEI 61010-1
dCp, dCI,
Rated isolation voltage
Nominal voltage
Single isolation
2.2 kVac
Cat II 1000 V rms
Reinforced isolation
1.2 kVac
Cat II 600 V rms
500 V
150 V
250 V
V
W
Cat III 250 V rms
Cat III 500 V rms
061114/7
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Page 2/3


Similar Part No. - HAC400-S

ManufacturerPart #DatasheetDescription
logo
LEM
HAC400-S LEM-HAC400-S Datasheet
27Kb / 2P
   Current Transducers HAC 100 ~800-S
HAC400-S LEM-HAC400-S Datasheet
814Kb / 3P
   Current Transducer
More results

Similar Description - HAC400-S

ManufacturerPart #DatasheetDescription
logo
LEM
HY50P LEM-HY50P_12 Datasheet
321Kb / 2P
   Current Transducers
HAZ4000-SRU LEM-HAZ4000-SRU Datasheet
250Kb / 3P
   Current Transducers
HAZ6000-SRI LEM-HAZ6000-SRI Datasheet
249Kb / 3P
   Current Transducers
HTB100-P LEM-HTB100-P_07 Datasheet
652Kb / 2P
   Current Transducers
HY5-P LEM-HY5-P_06 Datasheet
685Kb / 2P
   Current Transducers
HY50-P LEM-HY50-P_06 Datasheet
679Kb / 2P
   Current Transducers
CT0.1-P LEM-CT0.1-P Datasheet
892Kb / 3P
   Current Transducers
HAZ4000-SB LEM-HAZ4000-SB_07 Datasheet
879Kb / 3P
   Current Transducers
HTC1000-S LEM-HTC1000-S_07 Datasheet
554Kb / 2P
   Current Transducers
CT0.1-P LEM-CT0.1-P_08 Datasheet
941Kb / 3P
   Current Transducers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com