Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B7707 Datasheet(PDF) 3 Page - EPCOS

Part # B7707
Description  Low-Loss Filter for Mobile Communication
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7707 Datasheet(HTML) 3 Page - EPCOS

  B7707 Datasheet HTML 1Page - EPCOS B7707 Datasheet HTML 2Page - EPCOS B7707 Datasheet HTML 3Page - EPCOS B7707 Datasheet HTML 4Page - EPCOS B7707 Datasheet HTML 5Page - EPCOS B7707 Datasheet HTML 6Page - EPCOS B7707 Datasheet HTML 7Page - EPCOS B7707 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Jan 20, 2005
SAW Components
B7707
942,50 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= 25
± 2 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fC
942,5
MHz
Maximum insertion attenuation
α
max
925,0
... 960,0
MHz
2,8
3,3
dB
Amplitude ripple (p-p)
∆α
925,0
... 960,0
MHz
1,0
1,6
dB
Input VSWR
925,0
... 960,0
MHz
2,0
2,3
Output VSWR
925,0
... 960,0
MHz
2,0
2,2
Input return loss
925,0
... 960,0
MHz
8,0
9,0
dB
Input return loss phase
1842,5
MHz
-150,0
-140,0
-130,0
˚
Attenuation
α
0,0
... 750,0
MHz
50
66
dB
750,0
... 800,0
MHz
46
69
dB
800,0
... 880,0
MHz
45
54
dB
880,0
... 905,0
MHz
31
60
dB
905,0
... 915,0
MHz
17
33
dB
980,0
... 982,0
MHz
23
26
dB
982,0
...1005,0
MHz
23
29
dB
1005,0
...1025,0
MHz
30
52
dB
1025,0
...1035,0
MHz
35
54
dB
1035,0
...1760,0
MHz
40
55
dB
1760,0
... 3120,0
MHz
34
38
dB
3120,0
... 4000,0
MHz
18
26
dB
4000,0
... 6000,0
MHz
8
18
dB


Similar Part No. - B7707

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7701 EPCOS-B7701 Datasheet
106Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7703 EPCOS-B7703 Datasheet
88Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
B7704 EPCOS-B7704 Datasheet
91Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7705 EPCOS-B7705 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7706 EPCOS-B7706 Datasheet
82Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
More results

Similar Description - B7707

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4127 EPCOS-B4127 Datasheet
68Kb / 7P
   Low-Loss Filter for Mobile Communication
B7822 EPCOS-B7822 Datasheet
61Kb / 7P
   Low-Loss Filter for Mobile Communication
B7844 EPCOS-B7844 Datasheet
90Kb / 6P
   Low-Loss Filter for Mobile Communication
B9031 EPCOS-B9031 Datasheet
72Kb / 7P
   Low-Loss Filter for Mobile Communication
B9015 EPCOS-B9015 Datasheet
72Kb / 6P
   Low-Loss Filter for Mobile Communication
logo
List of Unclassifed Man...
B4126 ETC-B4126 Datasheet
49Kb / 4P
   Low Loss Filter for Mobile Communication
logo
EPCOS
B4133 EPCOS-B4133 Datasheet
70Kb / 6P
   Low-Loss Filter for Mobile Communication
B4166 EPCOS-B4166 Datasheet
77Kb / 7P
   Low-Loss Filter for Mobile Communication
logo
List of Unclassifed Man...
B4168 ETC-B4168 Datasheet
85Kb / 7P
   Low-Loss Filter for Mobile Communication
logo
EPCOS
B7834 EPCOS-B7834 Datasheet
67Kb / 6P
   Low-Loss Filter for Mobile Communication
B7806 EPCOS-B7806 Datasheet
86Kb / 7P
   Low-Loss Filter for Mobile Communication
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com