Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B3867 Datasheet(PDF) 2 Page - EPCOS

Part # B3867
Description  300,0 MHz Low-Loss Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3867 Datasheet(HTML) 2 Page - EPCOS

  B3867 Datasheet HTML 1Page - EPCOS B3867 Datasheet HTML 2Page - EPCOS B3867 Datasheet HTML 3Page - EPCOS B3867 Datasheet HTML 4Page - EPCOS B3867 Datasheet HTML 5Page - EPCOS B3867 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Nov 09, 2004
SAW Components
B3867
300,0 MHz
Low-Loss Filter
Data Sheet
top view
side view
bottom view
13,3
1,0
7,62
12
3
4
5
6
7
8
9
10
3,81
Ceramic package DCC12A
Features
q
Low-loss IF filter for WLL
q
Temperature stable
q
High nearby selectivity
q
Ceramic SMD package
Terminals
q
Gold plated
Dimensions in mm, approx. weight 0,5 g
Pin configuration
10
Input
1
Input ground
5
Output
6
Output ground
3, 8
Ground
2, 4, 7, 9
Case Ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B3867
B39301-B3867-H510
C61157-A7-A94
F61074-V8163-Z000
Maximum ratings
Operable temperature range
TA
– 40/+ 85
˚C
Storage temperature range
Tstg
– 40/+ 85
˚C
DC voltage
VDC
0V
Source power
Ps
0
dBm


Similar Part No. - B3867

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3860 EPCOS-B3860 Datasheet
63Kb / 5P
   Low-Loss Filter SAW Components
B3861 EPCOS-B3861 Datasheet
76Kb / 6P
   SAW Components Bandpass Filter 250,0 MHz
B3862 EPCOS-B3862 Datasheet
61Kb / 6P
   SAW Components Low-Loss Filter 51,00 MHz
B3863 EPCOS-B3863 Datasheet
108Kb / 7P
   SAW Components Low-Loss Filter 72,9746 MHz
B3864 EPCOS-B3864 Datasheet
76Kb / 7P
   SAW Components Low-Loss Filter 119,6 MHz
More results

Similar Description - B3867

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
   SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
logo
TriQuint Semiconductor
854653 TRIQUINT-854653 Datasheet
35Kb / 1P
   70 MHz Low-Loss Filter
854652 TRIQUINT-854652 Datasheet
36Kb / 1P
   70 MHz Low-Loss Filter
854660 TRIQUINT-854660 Datasheet
44Kb / 1P
   70 MHz Low-Loss Filter
854663 TRIQUINT-854663 Datasheet
44Kb / 1P
   70 MHz Low-Loss Filter
854666 TRIQUINT-854666 Datasheet
44Kb / 1P
   70 MHz Low-Loss Filter
854667 TRIQUINT-854667 Datasheet
45Kb / 1P
   70 MHz Low-Loss Filter
854669 TRIQUINT-854669 Datasheet
45Kb / 1P
   70 MHz Low-Loss Filter
854678 TRIQUINT-854678 Datasheet
42Kb / 1P
   70 MHz Low-Loss Filter
logo
EPCOS
B3567 EPCOS-B3567 Datasheet
67Kb / 6P
   Low-loss Filter 433,42 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com