Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX7461LE-CC Datasheet(PDF) 1 Page - California Eastern Labs

Part # NX7461LE-CC
Description  1480 nm InGaAsP MQW FP PUMP LASER DIODE MODULE FOR EDFA APPLICATION (150 mW MIN)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX7461LE-CC Datasheet(HTML) 1 Page - California Eastern Labs

  NX7461LE-CC Datasheet HTML 1Page - California Eastern Labs NX7461LE-CC Datasheet HTML 2Page - California Eastern Labs NX7461LE-CC Datasheet HTML 3Page - California Eastern Labs NX7461LE-CC Datasheet HTML 4Page - California Eastern Labs NX7461LE-CC Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NEC's 1480 nm InGaAsP MQW FP
PUMP LASER DIODE MODULE
FOR EDFA APPLICATION (150 mW MIN)
NX7461LE-CC
FEATURES
• InGaAsP MQW-FP LASER DIODE
• HIGH OUTPUT POWER:
Pf = 150 mW MIN @ IF = 600 mA CW
• INTERNAL OPTICAL ISOLATOR, THERMOELECTRIC
COOLER AND InGaAs MONITOR PHOTO DIODE
• SINGLE MODE FIBER PIGTAIL
• HERMETICALLY SEALED 14-PIN BUTTERFLY PACKAGE
NEC’s NX7461LE-CC is a 1480 nm pumping laser diode
module with optical isolator for an EDFA (Er Doped optical
Fiber Amplifier) that can expand the transmission span
and compensate optical losses. This device is a Multiple
Quantum Well (MQW) structured Fabry-Perot (FP) laser
diode that features high output power, high efficiency, and
stable fundamental mode.
DESCRIPTION
California Eastern Laboratories
PRELIMINARY DATA SHEET


Similar Part No. - NX7461LE-CC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX7461LE-CC RENESAS-NX7461LE-CC Datasheet
229Kb / 10P
   LASER DIODE
2004
More results

Similar Description - NX7461LE-CC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX7462LE-CC CEL-NX7462LE-CC Datasheet
197Kb / 5P
   1480 nm InGaAsP MQW FP PUMP LASER DIODE MODULE FOR EDFA APPLICATION (120 mW MIN)
NX7361JB-BC CEL-NX7361JB-BC Datasheet
180Kb / 4P
   NECs 1310 nm InGaAsP MQW FP PULSD LASER DIODE IN DIP PACKAGE FOR OTDR APPLICATION (150 mW MIN)
logo
Renesas Technology Corp
NX7338BF-AA RENESAS-NX7338BF-AA_15 Datasheet
164Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7537BF-AA RENESAS-NX7537BF-AA Datasheet
176Kb / 9P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7339BB-AA RENESAS-NX7339BB-AA Datasheet
747Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
Jul 12, 2012
logo
California Eastern Labs
NX7528BF-AA CEL-NX7528BF-AA Datasheet
185Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION (60 mW MIN)
NX7527BF-AA CEL-NX7527BF-AA Datasheet
184Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION (120 mW MIN)
NX7327BF-AA CEL-NX7327BF-AA Datasheet
184Kb / 4P
   NECs 1310 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION (110 mW MIN)
logo
Renesas Technology Corp
NX7437 RENESAS-NX7437_15 Datasheet
179Kb / 11P
   LASER DIODE 1 490 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7537BF-AA RENESAS-NX7537BF-AA_15 Datasheet
168Kb / 9P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com