Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX7303CA-CC Datasheet(PDF) 3 Page - California Eastern Labs

Part # NX7303CA-CC
Description  1310 nm InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s APPLICATION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX7303CA-CC Datasheet(HTML) 3 Page - California Eastern Labs

  NX7303CA-CC Datasheet HTML 1Page - California Eastern Labs NX7303CA-CC Datasheet HTML 2Page - California Eastern Labs NX7303CA-CC Datasheet HTML 3Page - California Eastern Labs NX7303CA-CC Datasheet HTML 4Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NX7303BA-CC, NX7303CA-CC
Monitor Current, Im (mA)
Wavelength, λ (nm)
OPTICAL OUTPUT POWER FROM FIBER
vs. MONITOR CURRENT
LONGITUDINAL MODE
1300
1310
1320
0.5
1.0
1.5
0
0.5
1.0
1.5
0
Case Temperature, TC (°C)
TEMPERATURE DEPENDENCE OF
DIFFERENTIAL EFFICIENCY
TYPICAL PERFORMANCE CURVES (TC = -40 to +85°C, unless otherwise specified)
-60
-40
-20
0
20
40
60
80
100
0.10
0.08
0.06
0.04
0.02
0
TEMPERATURE DEPENDENCE OF
CENTER WAVELENGTH
Case Temperature, TC (°C)
1360
1340
1320
1300
1280
1260
-60
-40
-20
0
20
40
60
80
100
Case Temperature, TC (°C)
OPERATING CURRENT AND
THRESHOLD CURRENT
vs. CASE TEMPERATURE
100
50
30
20
10
5
3
2
1
-60
-40
-20
0
20
40
60
80
100
Ith
IOP (@Pf = 1.0 mW)
OPTICAL OUTPUT POWER FROM FIBER
vs. FORWARD CURRENT
Forward Current, IF (mA)
+25°C
+70°C
+85°C
TC = -40°C
0
0
50
100
150
1.5
1.0
0.5


Similar Part No. - NX7303CA-CC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX7303CA-CC CEL-NX7303CA-CC Datasheet
100Kb / 4P
   InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s APPLICATION
logo
Renesas Technology Corp
NX7303CA-CC RENESAS-NX7303CA-CC Datasheet
239Kb / 13P
   LASER DIODE
2002
More results

Similar Description - NX7303CA-CC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX7303BA CEL-NX7303BA Datasheet
100Kb / 4P
   InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s APPLICATION
NX7301BA-CC CEL-NX7301BA-CC Datasheet
105Kb / 4P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX8303BG-CC CEL-NX8303BG-CC Datasheet
98Kb / 4P
   NECs 1310 nm InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE FOR 622 Mb/s APPLICATION
NX5312 CEL-NX5312 Datasheet
347Kb / 5P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s, 1.25 Gb/s APPLICATIONS
NX7302BA CEL-NX7302BA Datasheet
101Kb / 4P
   InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR 622 Mb/s APPLICATIONS
NX7314UA CEL-NX7314UA Datasheet
185Kb / 4P
   NECs 1310 nm InGaAsP MQW FP TOSA FOR LONG HAUL 155 Mb/s APPLICATION
NX7302BA-CC CEL-NX7302BA-CC Datasheet
101Kb / 4P
   InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR 622 Mb/s APPLICATIONS
NX7304BG-CC CEL-NX7304BG-CC Datasheet
95Kb / 4P
   1310 nm InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR FIBER OPTIC COMMUNICATIONS
NX8504BE-CC CEL-NX8504BE-CC Datasheet
111Kb / 5P
   1550 nm InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE for 622 Mb/s APPLICATION
NX5304 CEL-NX5304 Datasheet
167Kb / 5P
   NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s AND 1.25 Gb/s APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com