Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX6306GK Datasheet(PDF) 4 Page - California Eastern Labs

Part # NX6306GK
Description  1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 155 Mb/s and 622 Mb/s APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX6306GK Datasheet(HTML) 4 Page - California Eastern Labs

  NX6306GK Datasheet HTML 1Page - California Eastern Labs NX6306GK Datasheet HTML 2Page - California Eastern Labs NX6306GK Datasheet HTML 3Page - California Eastern Labs NX6306GK Datasheet HTML 4Page - California Eastern Labs NX6306GK Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
NX6306 Series
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Optical Output Power
Po
10
mW
Forward Current of LD
IF
150
mA
Reverse Voltage of LD
VR
2.0
V
Forward Current of PD
IF
10
mA
Reverse Voltage of PD
VR
20
V
Operating Case Temperature
TC
40 to +85
°
C
Storage Temperature
Tstg
40 to +85
°
C
Assembly Temperature
Tasb
150 (15 Hr)
°
C
Lead Soldering Temperature
Tsld
350 (3 sec.)
°
C
Relative Humidity (noncondensing)
RH
85
%
ELECTRO-OPTICAL CHARACTERISTICS (TC = 25ºC, unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Operating Voltage
Vop
Po = 5.0 mW, TC = −40 to +85°C
1.1
1.6
V
Threshold Current
Ith
10
20
mA
TC = 85°C
30
40
Threshold Output Power
Pth
TC = −40 to +85°C, IF = Ith
100
200
μ
W
Differential Efficiency
ηd
(Flat glass type: NX6306S Series)
0.2
0.35
W/A
(Aspherical lens type: NX6306G Series)
0.2
0.3
W/A
Temperature Dependence of
Differential Efficiency
Δηd
Δηd
= 10 log
3.0
2.5
dB
Peak Emission Wavelength
λp
Po = 5.0 mW, RMS (−20 dB),
TC = −40 to +85°C
1 280
1 335
nm
Side Mode Suppression Ratio
SMSR
Po = 5.0 mW, RMS (−20 dB),
TC = −40 to +85°C
30
45
dB
Vertical Beam Angle *1
θ
Po = 5.0 mW, FAHM *2
35
40
deg.
Lateral Beam Angle *1
θ//
Po = 5.0 mW, FAHM *2
30
35
deg.
Rise Time
tr
10-90%
0.5
ns
Fall Time
tf
90-10%
0.5
ns
Monitor Current
Im
VR = 5 V, Po = 5.0 mW
200
600
1 000
μ
A
Monitor Dark Current
ID
VR = 5 V
0.1
10
nA
VR = 5 V, TC = −40 to +85°C
500
Monitor PD Terminal Capacitance
Ct
VR = 5 V, f = 1 MHz
6
20
pF
Tracking Error *3
γ
Im = const. (@ Po = 5.0 mW, TC = 25°C)
TC = −40 to +85°C
1.0
1.0
dB
ηd
(@ 85ºC)
ηd
(@ 25ºC)
*1 Applicable to only NX6306S Series
*2 FAHM: Full Angle at Half Maximum


Similar Part No. - NX6306GK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX6306GK RENESAS-NX6306GK Datasheet
272Kb / 11P
   LASER DIODE
2004
More results

Similar Description - NX6306GK

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX6301 CEL-NX6301 Datasheet
96Kb / 4P
   1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX5312 CEL-NX5312 Datasheet
347Kb / 5P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s, 1.25 Gb/s APPLICATIONS
NX7301BA-CC CEL-NX7301BA-CC Datasheet
105Kb / 4P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX5304 CEL-NX5304 Datasheet
167Kb / 5P
   NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s AND 1.25 Gb/s APPLICATIONS
NX5310 CEL-NX5310 Datasheet
342Kb / 5P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s, 1.25 Gb/S AND FTTH APPLICATIONS
NX8303BG-CC CEL-NX8303BG-CC Datasheet
98Kb / 4P
   NECs 1310 nm InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE FOR 622 Mb/s APPLICATION
NX6506 CEL-NX6506 Datasheet
353Kb / 5P
   NECs 1550 nm InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR 622 Mb/s AND 1.25 Gb/s APPLICATIONS
NX8504BE-CC CEL-NX8504BE-CC Datasheet
111Kb / 5P
   1550 nm InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE for 622 Mb/s APPLICATION
NX7312UA CEL-NX7312UA Datasheet
187Kb / 4P
   NECs 1310 nm InGaAsP MQW FP TOSA FOR SHORT HAUL 155 Mb/s and 622 Mb/s APPLICATIONS
NX6511GH CEL-NX6511GH Datasheet
967Kb / 6P
   LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com