Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


NX6504 Datasheet(PDF) 4 Page - California Eastern Labs

Part No. NX6504
Description  1550 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR FIBER OPTIC COMMUNICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CEL [California Eastern Labs]
Homepage  http://www.cel.com
Logo 

   
 4 page
background image
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected
to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify CEL
for all damages resulting from such improper use or sale.
OUTLINE DIMENSIONS (Units in mm)
BOTTOM VIEW
PIN CONNECTIONS
NX6504SH
NX6504SI
NX6504SJ
NX6504SK
NX6504S SERIES
NX6504G SERIES
BOTTOM VIEW
PIN CONNECTIONS
NX6504GK
NX6504GI
NX6504GJ
NX6504GH
*n = 1.48 Bolosilicate Glass
1
2
3
4
ø5.6
+0.00
-0.03
ø4.3±0.1
ø3.75±0.1
ø0.45
(four places)
ø2.0
0.3
+0.1
-0.0
0.3
+0.1
-0.0
1.0±0.1
110°±2°
Focal Point
1 (CASE)
1 (CASE)
1 (CASE)
1 (CASE)
2
3
4
PD
LD
2
3
4
PD
LD
2
3
4
PD
LD
2
3
4
PD
LD
P.C.D.
1 (CASE)
1 (CASE)
1 (CASE)
1 (CASE)
2
3
4
PD
LD
2
3
4
PD
LD
2
3
4
PD
LD
2
3
4
PD
LD
1
2
3
4
ø3.55±0.05
1.0±0.1
ø5.6
+0.00
-0.03
ø4.2±0.1
0.3
+0.1
-0.0
0.3
+0.1
-0.0
ø1.0 MIN
ø1.6±0.1
1.2±0.1
1.27±0.1
LD CHIP
REFERENCE
PLANE
ø0.45
(4 places)
ø2.0
P.C.D.
PART NUMBER
PACKAGE
NX6504SH
4-pin CAN with flat glass cap
NX6504SI
NX6504SJ
NX6504SK
PART NUMBER
PACKAGE
NX6504GH
4-pin CAN with aspherical lens cap
NX6504GI
NX6504GJ
NX6504GK
NX6504S SERIES
NX6504G SERIES
NX6504 SERIES
ORDERING INFORMATION
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
02/19/2003




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NX53021310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FIBER OPTIC COMMUNICATIONS 1 2 3 4 California Eastern Labs
NX63011310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS 1 2 3 4 California Eastern Labs
NX63061310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 155 Mb/s and 622 Mb/s APPLICATIONS 1 2 3 4 5 California Eastern Labs
NX63071310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s APPLICATIONS 1 2 3 4 5 California Eastern Labs
NX53111310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 1.25 Gb/s AND FTTH PON APPLICATIONS 1 2 3 4 California Eastern Labs
NX53131310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FTTH PON APPLICATIONS 1 2 3 4 California Eastern Labs
NDL50041300MM OPICAL FIBER COMMUNICATIONS INGAASP DOUBLE HETEROSTRUCTURE LASER DIODE 1 2 3 NEC
X9523_06Laser Diode Control for Fiber Optic Modules 1 2 3 4 5 MoreIntersil Corporation
NX5310_061 310 nm FOR 156 Mb/s 622 Mb/s 1.25 Gb/s FTTH InGaAsP MQW-FP LASER DIODE 1 2 3 4 5 MoreCalifornia Eastern Labs
NX5312_061 310 nm FOR 156 Mb/s 622 Mb/s 1.25 Gb/s InGaAsP MQW-FP LASER DIODE 1 2 3 4 5 MoreCalifornia Eastern Labs

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl