Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


NX6504 Datasheet(PDF) 2 Page - California Eastern Labs

Part No. NX6504
Description  1550 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR FIBER OPTIC COMMUNICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CEL [California Eastern Labs]
Homepage  http://www.cel.com
Logo 

   
 2 page
background image
ABSOLUTE MAXIMUM RATINGS1
(TC = 25°C, unless otherwise specified)
SYMBOLS
PARAMETERS
UNITS
RATINGS
Pf
Optical Output Power
mW
10
IF
Forward Current of LD
mA
150
VR
Reverse Voltage of LD
V
2.0
IF
Forward Current of PD
mA
10
VR
Reverse Voltage of PD
V
20
TC
Operating Case Temperature
°C
-10 to +85
TSTG
Storage Temperature
°C
-40 to +85
TSLD
Lead Soldering
Temperature (10 s)
°C
350 (3 sec.)
RH
Relative Humidity
(noncondensing)
%
85
Note:
1. Operation in excess of any one of these parameters may result
in permanent damage.
NX6504 SERIES
TYPICAL PERFORMANCE CURVES (TC = -10 to +85°C)
10
5
040
100
7.5
2.5
20
60
80
100
50
30
20
10
5
3
2
-40
-20
0
20
40
60
80
100
Ith
1
Iop @ PO = 5.0 mW
OPTICAL OUTPUT POWER
vs. FORWARD CURRENT
OPERATING CURRENT AND THRESHOLD
CURRENT vs. CASE TEMPERATURE
Forward Current, IF (mA)
Case Temperature, TC (°C)
Case Temperature, TC (°C)
-40
-20
0
20
40
60
80
100
1560
1555
1550
1545
1540
TEMPERATURE DEPENDENCE OF
CENTER WAVELENGTH
Forward Voltage, VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
0
1.0
1.5
2.0
2.5
50
40
30
20
10
0.5




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NX53021310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FIBER OPTIC COMMUNICATIONS 1 2 3 4 California Eastern Labs
NX63011310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS 1 2 3 4 California Eastern Labs
NX63061310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 155 Mb/s and 622 Mb/s APPLICATIONS 1 2 3 4 5 California Eastern Labs
NX63071310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s APPLICATIONS 1 2 3 4 5 California Eastern Labs
NX53111310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 1.25 Gb/s AND FTTH PON APPLICATIONS 1 2 3 4 California Eastern Labs
NX53131310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FTTH PON APPLICATIONS 1 2 3 4 California Eastern Labs
NDL50041300MM OPICAL FIBER COMMUNICATIONS INGAASP DOUBLE HETEROSTRUCTURE LASER DIODE 1 2 3 NEC
X9523_06Laser Diode Control for Fiber Optic Modules 1 2 3 4 5 MoreIntersil Corporation
NX5310_061 310 nm FOR 156 Mb/s 622 Mb/s 1.25 Gb/s FTTH InGaAsP MQW-FP LASER DIODE 1 2 3 4 5 MoreCalifornia Eastern Labs
NX5312_061 310 nm FOR 156 Mb/s 622 Mb/s 1.25 Gb/s InGaAsP MQW-FP LASER DIODE 1 2 3 4 5 MoreCalifornia Eastern Labs

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl