Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


NX6306 Datasheet(PDF) 5 Page - California Eastern Labs

Part No. NX6306
Description  1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 155 Mb/s and 622 Mb/s APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CEL [California Eastern Labs]
Homepage  http://www.cel.com
Logo 

   
 5 page
background image
5
NX6306 Series
3 Tracking Error: γ
0
Im
Im
TC = 25ºC
TC = -40 to +85ºC
Po
(mW)
Po
5.0
(mA)
= 10 log
[dB]
Po
5.0
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably
be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and
agree to fully indemnify CEL for all damages resulting from such improper use or sale.
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
01/25/2005




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NX63011310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS 1 2 3 4 California Eastern Labs
NX53111310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 1.25 Gb/s AND FTTH PON APPLICATIONS 1 2 3 4 California Eastern Labs
NX53131310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FTTH PON APPLICATIONS 1 2 3 4 California Eastern Labs
NX53021310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FIBER OPTIC COMMUNICATIONS 1 2 3 4 California Eastern Labs
NX5310_061 310 nm FOR 156 Mb/s 622 Mb/s 1.25 Gb/s FTTH InGaAsP MQW-FP LASER DIODE 1 2 3 4 5 MoreCalifornia Eastern Labs
NX5312_061 310 nm FOR 156 Mb/s 622 Mb/s 1.25 Gb/s InGaAsP MQW-FP LASER DIODE 1 2 3 4 5 MoreCalifornia Eastern Labs
NX5315EH_061 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE 1 2 3 4 5 MoreCalifornia Eastern Labs
NX5504_061 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE 1 2 3 4 5 MoreCalifornia Eastern Labs
CA3141High-Voltage Diode Array For Commercial Industrial and Military Applications 1 2 3 4 Harris Corporation
IRGP4068DPBFINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS 1 2 3 4 5 MoreInternational Rectifier

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl