Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX5504EH-AZ Datasheet(PDF) 6 Page - California Eastern Labs

Part # NX5504EH-AZ
Description  1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX5504EH-AZ Datasheet(HTML) 6 Page - California Eastern Labs

  NX5504EH-AZ Datasheet HTML 1Page - California Eastern Labs NX5504EH-AZ Datasheet HTML 2Page - California Eastern Labs NX5504EH-AZ Datasheet HTML 3Page - California Eastern Labs NX5504EH-AZ Datasheet HTML 4Page - California Eastern Labs NX5504EH-AZ Datasheet HTML 5Page - California Eastern Labs NX5504EH-AZ Datasheet HTML 6Page - California Eastern Labs NX5504EH-AZ Datasheet HTML 7Page - California Eastern Labs NX5504EH-AZ Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NX5504 Series
<R>
TYPICAL CHARACTERISTICS (TC =
−40 to +85°C, unless otherwise specified)
Forward Current IF (mA)
OPTICAL OUTPUT POWER
vs. FORWARD CURRENT
2
3
1
5
6
4
0
10
20
30
40
50
60
OPERATING CURRENT AND THRESHOLD
CURRENT vs. CASE TEMPERATURE
Case Temperature TC (˚C)
1
5
10
50
100
–40
–20
0
20
40
60
80
100
–60
Iop
Ith
TEMPERATURE DEPENDENCE OF
CENTER WAVELENGTH
Case Temperature TC (˚C)
1 550
1 560
1 490
1 500
1 480
1 510
1 520
1 530
1 540
0
–20
–40
–60
20
60
40
80
100
TC = –40˚C
+25˚C
+85˚C
Remark The graphs indicate nominal characteristics.
Data Sheet PL10435EJ04V0DS
6


Similar Part No. - NX5504EH-AZ

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX5504EH-AZ CEL-NX5504EH-AZ Datasheet
309Kb / 6P
   NECs 1550 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR FTTH APPLICATION
More results

Similar Description - NX5504EH-AZ

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX5522 CEL-NX5522 Datasheet
185Kb / 7P
   1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
NX5521 CEL-NX5521 Datasheet
182Kb / 7P
   1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
logo
Renesas Technology Corp
NX5521 RENESAS-NX5521 Datasheet
192Kb / 8P
   LASER DIODE 1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
NX5522 RENESAS-NX5522 Datasheet
201Kb / 8P
   LASER DIODE 1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
logo
California Eastern Labs
NX5323EH CEL-NX5323EH Datasheet
173Kb / 7P
   1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
NX5317 CEL-NX5317 Datasheet
338Kb / 9P
   1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
NX5315EH CEL-NX5315EH_06 Datasheet
283Kb / 7P
   1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
logo
Renesas Technology Corp
NX5313 RENESAS-NX5313 Datasheet
220Kb / 9P
   1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
logo
NEC
NX5323EH NEC-NX5323EH Datasheet
89Kb / 7P
   1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
logo
Renesas Technology Corp
NX7537BF-AA RENESAS-NX7537BF-AA Datasheet
176Kb / 9P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com