Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX5315EH-AZ Datasheet(PDF) 5 Page - California Eastern Labs

Part # NX5315EH-AZ
Description  1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX5315EH-AZ Datasheet(HTML) 5 Page - California Eastern Labs

  NX5315EH-AZ Datasheet HTML 1Page - California Eastern Labs NX5315EH-AZ Datasheet HTML 2Page - California Eastern Labs NX5315EH-AZ Datasheet HTML 3Page - California Eastern Labs NX5315EH-AZ Datasheet HTML 4Page - California Eastern Labs NX5315EH-AZ Datasheet HTML 5Page - California Eastern Labs NX5315EH-AZ Datasheet HTML 6Page - California Eastern Labs NX5315EH-AZ Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NX5315EH
<R>
TYPICAL CHARACTERISTICS (TC =
−40 to +85°C, unless otherwise specified)
OPERATING CURRENT AND THRESHOLD
CURRENT vs. CASE TEMPERATURE
Case Temperature TC (˚C)
1
5
10
50
100
–40
–20
0
20
40
60
80
100
–60
Iop
Ith
TEMPERATURE DEPENDENCE OF
CENTER WAVELENGTH
Case Temperature TC (˚C)
1 340
1 350
1 280
1 290
1 270
1 300
1 310
1 320
1 330
0
–20
–40
–60
20
60
40
80
100
Forward Current IF (mA)
OPTICAL OUTPUT POWER
vs. FORWARD CURRENT
4
6
2
10
12
8
0
10
20
30
40
50
60
TC = –40˚C
+25˚C
+85˚C
Remark The graphs indicate nominal characteristics.
Data Sheet PL10531EJ03V0DS
5


Similar Part No. - NX5315EH-AZ

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX5315EH-AZ CEL-NX5315EH-AZ Datasheet
349Kb / 5P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FTTH PON APPLICATIONS
More results

Similar Description - NX5315EH-AZ

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX5323EH CEL-NX5323EH Datasheet
173Kb / 7P
   1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
NX5317 CEL-NX5317 Datasheet
338Kb / 9P
   1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
logo
Renesas Technology Corp
NX5313 RENESAS-NX5313 Datasheet
220Kb / 9P
   1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
logo
NEC
NX5323EH NEC-NX5323EH Datasheet
89Kb / 7P
   1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
logo
Renesas Technology Corp
NX6308GH RENESAS-NX6308GH_15 Datasheet
221Kb / 9P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
PL10692EJ03V0DS RENESAS-PL10692EJ03V0DS Datasheet
221Kb / 9P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
NX6308GH RENESAS-NX6308GH Datasheet
221Kb / 9P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
NX6309GH RENESAS-NX6309GH_15 Datasheet
221Kb / 9P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
NX6309GH RENESAS-NX6309GH Datasheet
221Kb / 9P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
logo
California Eastern Labs
NX5522 CEL-NX5522 Datasheet
185Kb / 7P
   1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com