Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSA1203 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSA1203
Description  PNP Epitaxial Silicon Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSA1203 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSA1203_05 Datasheet HTML 1Page - Fairchild Semiconductor KSA1203_05 Datasheet HTML 2Page - Fairchild Semiconductor KSA1203_05 Datasheet HTML 3Page - Fairchild Semiconductor KSA1203_05 Datasheet HTML 4Page - Fairchild Semiconductor KSA1203_05 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
KSA1203 Rev. B3
July 2005
KSA1203
PNP Epitaxial Silicon Transistor
Low Frequency Power Amplifier
• 3W Output application
• Collector Power Dissipation PC=1~2W : Mounted on Ceramic Board
• Complement to KSC2883
Absolute Maximum Ratings T
a = 25°C unless otherwise noted
* Mounted on Ceramic Board (250mm2
× 0.8mm)
Electrical Characteristics T
a = 25°C unless otherwise noted
Symbol
Parameter
Ratings
Units
VCBO
Collector-Base Voltage
-30
V
VCEO
Collector-Emitter Voltage
-30
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current
-1.5
A
IB
Base Current
-0.3
A
PC
PC*
Collector Power Dissipation
500
1,000
mW
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCEO
Collector-Emitter Breakdown Voltage
IC = -10mA, IB = 0
-30
V
BVEBO
Emitter-Base Breakdown Voltage
IE = -1mA, IC = 0
-5
V
ICBO
Collector Cut-off Current
VCB = -30V, IE = 0
-100
nA
IEBO
Emitter Cut-off Current
VBE = -5V, IC = 0
-100
nA
hFE
DC Current Gain
VCE = -2V, IC = -500mA
100
320
VCE (sat)
Collector-Emitter Saturation Voltage
IC = -1.5A, IB = -30mA
-2.0
V
VBE (on)
Base-Emitter On Voltage
VCE = -2V, IC = -500mA
-1.0
V
fT
Current Gain Bandwidth Product
VCE = -2V, IC = -500mA
120
MHz
Cob
Output Capacitance
VCB = -10V, IE = 0, f = 1MHz
50
pF
SOT-89
1
1. Base 2. Collector 3. Emitter
12
0 3
PY
W W
hFE grage
Year code
Weekly code
Marking


Similar Part No. - KSA1203_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSA1203 FAIRCHILD-KSA1203 Datasheet
44Kb / 4P
   Low Frequency Power Amplifier
More results

Similar Description - KSA1203_05

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com