Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSA1201 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # KSA1201
Description  PNP Epitaxial Silicon Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSA1201 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  KSA1201 Datasheet HTML 1Page - Fairchild Semiconductor KSA1201 Datasheet HTML 2Page - Fairchild Semiconductor KSA1201 Datasheet HTML 3Page - Fairchild Semiconductor KSA1201 Datasheet HTML 4Page - Fairchild Semiconductor KSA1201 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
KSA1201 Rev. B2
Typical Performance Characteristics
Figure 1. Static Characteristic
Figure 2. DC Current Gain
Figure 3. Collector-Emitter Saturation Voltage
Figure 4. Base-Emitter On Voltage
Figure 5. Safe Operating Area
Figure 6. Power Derating
-0
-4
-8
-12
-16
-0.2
-0.4
-0.6
-0.8
I
B =0
I
B =-3mA
I
B =-2mA
I
B =-7mA
I
B =-5mA
I
B =-4mA
I
B =-10mA
I
B =-1mA
V
CE[V], COLLECTOR-EMITTER VOLTAGE
-1
-10
-100
-1000
10
100
1000
VCE = -5V
IC[mA], COLLECTOR CURRENT
-1
-10
-100
-1000
-0.01
-0.1
-1
I
C = 10 IB
I
C[mA], COLLECTOR CURRENT
0
25
50
75
100
125
150
175
200
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Mo
unte
d o
n C
era
mic
Boa
rd
(25
0m
m 2
X0.
8m
m)
Ta[
oC], AMBIENT TEMPERATURE
-0.1
-1
-10
-100
-1000
-1
-10
-100
-1000
-10000
I
CMAX(DC)
I
CMAX(Pulse)
Ta=25
oC
Single Pulse
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
200
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Mo
unte
d o
n C
era
mic
Bo
ard
(25
0m
m 2
X0
.8m
m)
Ta[
oC], AMBIENT TEMPERATURE


Similar Part No. - KSA1201

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSA1201 FAIRCHILD-KSA1201 Datasheet
40Kb / 4P
   Power Amplifier
logo
Guangdong Kexin Industr...
KSA1201 KEXIN-KSA1201 Datasheet
49Kb / 1P
   PNP Epitaxial Silicon Transistor
More results

Similar Description - KSA1201

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com