Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DHR400C5 Datasheet(PDF) 3 Page - LEM

Part # DHR400C5
Description  AC/DC Current transducer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

DHR400C5 Datasheet(HTML) 3 Page - LEM

  DHR400C5 Datasheet HTML 1Page - LEM DHR400C5 Datasheet HTML 2Page - LEM DHR400C5 Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DHR-C5/10
DHR
Output Connector
1(Vcc) 2(NC) 3(Vout) 4(GND)
(+)
(-)
24 VDC Power
(Controller, meter etc)
Load
(-)
(+)
10k
Mechanical characteristics
• General tolerance
±1 mm
• Primary aperture
∅ 32.0 mm
• Panel mounting
4 holes
∅ 4.6 mm
• Distance between holes
70.0 mm & 78 mm
(see above dimensions)
For panel mounting, replace M4 screws by new one (not supplied)
with appropriate length to panel´s thickness.
Remarks
• V
OUT is positive when IP flows in the direction of the arrow.
• The return busbar and primary conductor elbow must be located
at least at 2.5 x window length more far away from the transducer
case.
• The temperature of the primary busbar can not exceed 90 °C.
• Dynamic performances are the best with a primary busbar
completely filling the primary aperture.
• This is a standard model. For different versions (supply voltages,
different outputs, bidirectional measurements...), please
contact us.
Ip
Is
OUT
+24VDC
GND
Ip
Is
OUT
+24VDC
GND
Dimensions DHR-C5 (in mm. 1 mm = 0.0394 inch)
Connections
• Wires up to 2 mm ∅
• Female connector provided (screw terminals)
6 0
90
7 0
2 2.2 8
6 .80
6
7 8
7
2 5
4
15
061128/14
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Page 3/3


Similar Part No. - DHR400C5

ManufacturerPart #DatasheetDescription
logo
LEM
DHR400C5 LEM-DHR400C5 Datasheet
641Kb / 4P
   AC/DC Current Transducer
More results

Similar Description - DHR400C5

ManufacturerPart #DatasheetDescription
logo
LEM
DHR500C10 LEM-DHR500C10_12 Datasheet
641Kb / 4P
   AC/DC Current Transducer
DHR-C10 LEM-DHR-C10 Datasheet
643Kb / 4P
   AC/DC Current Transducer
DHR-C420 LEM-DHR-C420 Datasheet
881Kb / 3P
   AC/DC Current transducer
AHR-B5 LEM-AHR-B5 Datasheet
844Kb / 3P
   AC/DC Current transducer
AHR-B10 LEM-AHR-B10 Datasheet
845Kb / 3P
   AC/DC Current transducer
DHR500C420 LEM-DHR500C420_12 Datasheet
688Kb / 4P
   AC/DC Current Transducer
DHR100C10 LEM-DHR100C10 Datasheet
880Kb / 3P
   AC/DC Current transducer
AHR-B420 LEM-AHR-B420 Datasheet
361Kb / 3P
   AC/DC Current transducer
DHR-C420 LEM-DHR-C420_12 Datasheet
688Kb / 4P
   AC/DC Current Transducer
DHR500C5 LEM-DHR500C5_12 Datasheet
641Kb / 4P
   AC/DC Current Transducer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com