Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CV3-1000 Datasheet(PDF) 3 Page - LEM

Part # CV3-1000
Description  Voltage Transducer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CV3-1000 Datasheet(HTML) 3 Page - LEM

  CV3-1000 Datasheet HTML 1Page - LEM CV3-1000 Datasheet HTML 2Page - LEM CV3-1000 Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LEM Components
www .lem.com
Page 3/3
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
050805/8
Front view
Top view
Left view
Mechanical characteristics
General tolerance
± 0.3 mm
Transducer fastening
3 holes
∅ 5.5 mm
3 M5 steel screws
Recommended fastening torque
3.8 Nm or 2.80 Lb. -Ft.
Connection of primary
2 M5 threaded studs
Connection of secondary
4 M5 threaded studs
Recommended fastening torque
2.2 Nm or 1.62 Lb. -Ft.
Connection
Dimensions CV 3-1000 (in mm. 1 mm = 0.0394 inch)
Remarks
V
S is positive when VP is applied on terminal +HT.
CEM tested with a shielded secondary cable,
shield connected to 0 V at both ends, or disconnected.
This is a standard model. For different versions (supply
voltages, turns ratios, unidirectional measurements...),
please contact us.
Rep.
Clearance
Creepage
A-B
76.40 mm
83.80 mm


Similar Part No. - CV3-1000

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
CV3-100 PREMO-CV3-100 Datasheet
220Kb / 2P
   SMPS High Isolation (2500V min) Current Transformer
More results

Similar Description - CV3-1000

ManufacturerPart #DatasheetDescription
logo
LEM
LV25P LEM-LV25P Datasheet
69Kb / 2P
   VOLTAGE TRANSDUCER
LV25-P LEM-LV25-P_12 Datasheet
207Kb / 3P
   Voltage Transducer
LV100-3000 LEM-LV100-3000_03 Datasheet
66Kb / 2P
   Voltage Transducer
LV20-P LEM-LV20-P Datasheet
45Kb / 2P
   Voltage Transducer
AV100-2000 LEM-AV100-2000 Datasheet
51Kb / 2P
   Voltage Transducer
CV3-500 LEM-CV3-500 Datasheet
40Kb / 2P
   Voltage Transducer
LV100-300 LEM-LV100-300_03 Datasheet
42Kb / 2P
   Voltage Transducer
LV100 LEM-LV100_03 Datasheet
56Kb / 2P
   Voltage Transducer
LV100-100 LEM-LV100-100_03 Datasheet
58Kb / 2P
   Voltage Transducer
LV100-200 LEM-LV100-200_03 Datasheet
57Kb / 2P
   Voltage Transducer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com