Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA5M0965QTU Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # KA5M0965QTU
Description  Fairchild Power Switch(FPS)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA5M0965QTU Datasheet(HTML) 3 Page - Fairchild Semiconductor

  KA5M0965QTU Datasheet HTML 1Page - Fairchild Semiconductor KA5M0965QTU Datasheet HTML 2Page - Fairchild Semiconductor KA5M0965QTU Datasheet HTML 3Page - Fairchild Semiconductor KA5M0965QTU Datasheet HTML 4Page - Fairchild Semiconductor KA5M0965QTU Datasheet HTML 5Page - Fairchild Semiconductor KA5M0965QTU Datasheet HTML 6Page - Fairchild Semiconductor KA5M0965QTU Datasheet HTML 7Page - Fairchild Semiconductor KA5M0965QTU Datasheet HTML 8Page - Fairchild Semiconductor KA5M0965QTU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
KA5M0965Q
3
Electrical Characteristics (SFET Part)
(Ta = 25
°C unless otherwise specified)
Note:
1. Pulse test: Pulse width
≤ 300µS, duty ≤ 2%
2.
Characteristic
Symbol
Test condition
Min.
Typ.
Max.
Unit
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=50
µA
650
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=Max., Rating,
VGS=0V
--
50
µA
VDS=0.8Max., Rating,
VGS=0V, TC=125
°C
-
-
200
mA
Static Drain-Source on Resistance (Note)
RDS(ON)
VGS=10V, ID=4.5A
-
0.96
1.2
W
Forward Transconductance (Note)
gfs
VDS=50V, ID=4.5A
5.0
-
-
S
Input Capacitance
Ciss
VGS=0V, VDS=25V,
f=1MHz
-
1200
-
pF
Output Capacitance
Coss
-
135
-
Reverse Transfer Capacitance
Crss
-
25
-
Turn on Delay Time
td(on)
VDD=0.5BVDSS, ID=9.0A
(MOSFET switching
time are essentially
independent of
operating temperature)
-25
60
nS
Rise Time
tr
-
75
160
Turn Off Delay Time
td(off)
-
130
270
Fall Time
tf
-
70
150
Total Gate Charge
(Gate-Source+Gate-Drain)
Qg
VGS=10V, ID=9.0A,
VDS=0.8BVDSS
-45
60
nC
Gate-Source Charge
Qgs
-
8
-
Gate-Drain (Miller) Charge
Qgd
-
22
-
S
1
R
----
=


Similar Part No. - KA5M0965QTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA5M0965Q FAIRCHILD-KA5M0965Q Datasheet
636Kb / 14P
   Fairchild Power Switch(SPS)
KA5M0965Q-TU FAIRCHILD-KA5M0965Q-TU Datasheet
636Kb / 14P
   Fairchild Power Switch(SPS)
KA5M0965Q-YDTU FAIRCHILD-KA5M0965Q-YDTU Datasheet
636Kb / 14P
   Fairchild Power Switch(SPS)
More results

Similar Description - KA5M0965QTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com