Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHR-B420 Datasheet(PDF) 3 Page - LEM

Part # AHR-B420
Description  AC/DC Current transducer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

AHR-B420 Datasheet(HTML) 3 Page - LEM

  AHR-B420 Datasheet HTML 1Page - LEM AHR-B420 Datasheet HTML 2Page - LEM AHR-B420 Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Mechanical characteristics
• General tolerance
± 1 mm
• Primary aperture
104 x 40 mm
• Busbar fastening
1 hole
∅ 5.5 mm &
2 slots 5.5 x 30 mm
Panel mounting
4 holes
∅ 3.2 mm
Distance between holes axes
15 x 150 mm
Remarks
• The return busbar and primary conductor elbow must
be located at least at a distance of 2.5 x the window
length away from the transducer case.
• The temperature of the primary busbar can not exceed
90°C.
• Dynamic performances are the best with a primary
busbar completely filling the primary aperture.
• This is a standard model. For different versions
(supply voltages, different outputs, bidirectional
measurements...), please contact us.
Ip
Is
OUT
+24VDC
GND
Ip
Is
OUT
+24VDC
GND
GND
Dimensions AHR-B420 (in mm. 1 mm = 0.0394 inch)
Connections
• Wires up to 2 mm ∅
• Female connector provided (screw terminals)
AHR-C420
Output Connector
1(Vcc) 2(Iout) 3(NC) 4(GND)
(+)
(-)
24 VDC Power
AHR
(Controller, meter etc)
Load
(-)
(+)
10 4
17 4
2 5
5 0.50
2 0
9.10
54.10
15 0
110
22. 28
5.5 0
35
55
20.34
1 5
061012/4
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Page 3/3


Similar Part No. - AHR-B420

ManufacturerPart #DatasheetDescription
logo
LEM
AHR-B10 LEM-AHR-B10 Datasheet
845Kb / 3P
   AC/DC Current transducer
AHR-B5 LEM-AHR-B5 Datasheet
844Kb / 3P
   AC/DC Current transducer
More results

Similar Description - AHR-B420

ManufacturerPart #DatasheetDescription
logo
LEM
DHR500C10 LEM-DHR500C10_12 Datasheet
641Kb / 4P
   AC/DC Current Transducer
DHR-C10 LEM-DHR-C10 Datasheet
643Kb / 4P
   AC/DC Current Transducer
DHR-C420 LEM-DHR-C420 Datasheet
881Kb / 3P
   AC/DC Current transducer
AHR-B5 LEM-AHR-B5 Datasheet
844Kb / 3P
   AC/DC Current transducer
AHR-B10 LEM-AHR-B10 Datasheet
845Kb / 3P
   AC/DC Current transducer
DHR500C420 LEM-DHR500C420_12 Datasheet
688Kb / 4P
   AC/DC Current Transducer
DHR100C10 LEM-DHR100C10 Datasheet
880Kb / 3P
   AC/DC Current transducer
DHR-C420 LEM-DHR-C420_12 Datasheet
688Kb / 4P
   AC/DC Current Transducer
DHR500C5 LEM-DHR500C5_12 Datasheet
641Kb / 4P
   AC/DC Current Transducer
DHR-C5 LEM-DHR-C5 Datasheet
880Kb / 3P
   AC/DC Current transducer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com